Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments INA296A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GERR
Gain Error
(GND + 50 mV) < VOUT < (VS - 200 mV),
INA296A1, INA296A2, INA296A3
±0.002
±0.01
%
(GND + 50 mV) < VOUT < (VS - 200 mV),
INA296A4, INA296A5
±0.003
±0.015
(GND + 50 mV) < VOUT < (VS - 200 mV),
INA296B
±0.02
±0.1
Gain Error Drift
TA = –40°C to +125°C,
INA296A1, INA296A2, INA296A3
±0.05
±1
ppm/°C
TA = –40°C to +125°C,
INA296A4, INA296A5
±0.1
±2
TA = –40°C to +125°C,
INA296B
±0.2
±5
Non-Linearity Error
±0.001
%
Maximum Capacitive Load
No sustained oscillations, No isolation
resistor
1
nF
VOLTAGE OUTPUT
Swing to VS Power Supply Rail
RL = 10 kΩ to GND,
TA = –40°C to +125°C
VS − 0.07 VS − 0.2
V
Swing to Ground
RL = 10 kΩ to GND, VSENSE = 0
mV, VREF1 = VREF2 = 0 V,
TA = –40°C to +125°C
8
20
mV
REFERENCE INPUT
RVRR
Reference voltage rejection ratio, input-
referred
VREF1 = VREF2 = 0.5 V to 4.5 V,
TA = –40°C to +125°C, INA296A1,
±1
±2.5
µV/V
VREF1 = VREF2 = 0.5 V to 4.5 V,
TA = –40°C to +125°C, INA296A2,
INA296A3, INA296A4, INA296A5
±0.5
±1.5
VREF1 = VREF2 = 0.5 V to 4.5 V,
TA = –40°C to +125°C, INA296B
±10
±20
Reference divider accuracy
VOUT = |(VREF1 + VREF2)| / 2 at VSENSE =0
mV,
VREF1 = VS, VREF2 = GND
VREF1 = GND, VREF2 = VS
TA = –40°C to +125°C, INA296A1,
INA296A2,
±0.002
±0.005
%
VOUT = |(VREF1 + VREF2)| / 2 at VSENSE =0
mV,
VREF1 = VS, VREF2 = GND
VREF1 = GND, VREF2 = VS
TA = –40°C to +125°C, INA296A3,
INA296A4, INA296A5
±0.002
±0.01
VOUT = |(VREF1 + VREF2)| / 2 at VSENSE =0
mV,
VREF1 = VS, VREF2 = GND
VREF1 = GND, VREF2 = VS
TA = –40°C to +125°C, INA296B
±0.02
±0.15
FREQUENCY RESPONSE
BW
Bandwidth
All Gains, −3dB Bandwidth
1.1
MHz
Settling time
VIN+, VIN– = 48 V, VOUT = 0.5 V to 4.5 V,
Output settles to 0.5%
1.5
µs
VIN+, VIN– = 48 V, VOUT = 0.5 V to 4.5 V,
Output settles to 1%
1
µs
VIN+, VIN– = 48 V, VOUT = 0.5 V to 4.5 V,
Output settles to 5%
0.5
µs
SR
Slew Rate
Rising
8
V/µs
www.ti.com
INA296A, INA296B
SBOSA04C – MARCH 2022 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com