Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 2 Page - Texas Instruments

  INA296A Datasheet HTML 1Page - Texas Instruments INA296A Datasheet HTML 2Page - Texas Instruments INA296A Datasheet HTML 3Page - Texas Instruments INA296A Datasheet HTML 4Page - Texas Instruments INA296A Datasheet HTML 5Page - Texas Instruments INA296A Datasheet HTML 6Page - Texas Instruments INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics.............................................6
7.6 Typical Characteristics................................................ 9
8 Detailed Description......................................................16
8.1 Overview................................................................... 16
8.2 Functional Block Diagram......................................... 16
8.3 Feature Description...................................................16
8.4 Device Functional Modes..........................................17
9 Application and Implementation.................................. 23
9.1 Application Information............................................. 23
9.2 Typical Application.................................................... 24
9.3 Power Supply Recommendations.............................26
9.4 Layout....................................................................... 26
10 Device and Documentation Support..........................28
10.1 Receiving Notification of Documentation Updates..28
10.2 Support Resources................................................. 28
10.3 Trademarks.............................................................28
10.4 Electrostatic Discharge Caution..............................28
10.5 Glossary..................................................................28
11 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
Changes from Revision B (July 2023) to Revision C (October 2023)
Page
• Removed preview note from D package from package information table and throughout the data sheet.........1
Changes from Revision A (August 2022) to Revision B (July 2023)
Page
• Added the D and DGS packages to the data sheet........................................................................................... 1
• Changed package information from body size to package size......................................................................... 1
• Removed preview note from DGK package from package information table.....................................................1
• Added the D and DGS packages pin configuration............................................................................................ 3
• Added DGS package in recommended layout examples................................................................................. 26
Changes from Revision * (March 2022) to Revision A (August 2022)
Page
• Changed data sheet status from Advanced Information to Production Data......................................................1
INA296A, INA296B
SBOSA04C – MARCH 2022 – REVISED OCTOBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com