Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA296A Datasheet HTML 25Page - Texas Instruments INA296A Datasheet HTML 26Page - Texas Instruments INA296A Datasheet HTML 27Page - Texas Instruments INA296A Datasheet HTML 28Page - Texas Instruments INA296A Datasheet HTML 29Page - Texas Instruments INA296A Datasheet HTML 30Page - Texas Instruments INA296A Datasheet HTML 31Page - Texas Instruments INA296A Datasheet HTML 32Page - Texas Instruments INA296A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-Oct-2023
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
INA296A1IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2SA3
Samples
INA296A1IDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2TUB
Samples
INA296A1IDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
I296A1
Samples
INA296A2IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2SB3
Samples
INA296A2IDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2TVB
Samples
INA296A2IDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
I296A2
Samples
INA296A3IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2SC3
Samples
INA296A3IDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2TWB
Samples
INA296A3IDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
I296A3
Samples
INA296A4IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2SD3
Samples
INA296A4IDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2TXB
Samples
INA296A4IDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
I296A4
Samples
INA296A5IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2SE3
Samples
INA296A5IDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2TZB
Samples
INA296A5IDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
I296A5
Samples
INA296B1IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2SF3
Samples
INA296B1IDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2U1B
Samples
INA296B1IDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
I296B1
Samples
INA296B2IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2SG3
Samples
INA296B2IDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2U2B
Samples
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com