Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA296A Datasheet HTML 20Page - Texas Instruments INA296A Datasheet HTML 21Page - Texas Instruments INA296A Datasheet HTML 22Page - Texas Instruments INA296A Datasheet HTML 23Page - Texas Instruments INA296A Datasheet HTML 24Page - Texas Instruments INA296A Datasheet HTML 25Page - Texas Instruments INA296A Datasheet HTML 26Page - Texas Instruments INA296A Datasheet HTML 27Page - Texas Instruments INA296A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
• IMIN is the minimum current that will flow through RSENSE.
• GAIN is the gain of the current-sense amplifier.
• VSN is the negative output swing of the device as specified in the Specifications.
Table 9-1 shows an example of the different results obtained from using five different gain versions of the
INA296x. From the table data, the highest gain device allows a smaller current-shunt resistor and decreased
power dissipation in the element.
Table 9-1. RSENSE Selection and Power Dissipation(1)
PARAMETER
EQUATION
RESULTS AT VS = 5 V
A1, B1
DEVICES
A2, B2
DEVICES
A3, B3
DEVICES
A4, B4
DEVICES
A5, B5
DEVICES
G
Gain
10 V/V
20 V/V
50 V/V
100 V/V
200 V/V
VSENSE
Ideal differential input voltage
VSENSE = VOUT / G
500 mV
250 mV
100 mV
50 mV
25 mV
RSENSE
Current sense resistor value
RSENSE = VSENSE / IMAX
50 mΩ
25 mΩ
10 mΩ
5 mΩ
2.5 mΩ
PSENSE
Current-sense resistor power dissipation
RSENSE × IMAX2
5 W
2.5 W
1 W
0.5 W
0.25 W
(1)
Design example with 10 A full-scale current with maximum output voltage set to 5 V.
9.2 Typical Application
The INA296x is a bidirectional, current-sense amplifier capable of measuring currents through a resistive shunt
with common-mode voltages from –5 V to +110 V.
9.2.1 Current Sensing in a Solenoid Application
22 V
INA
OUT
IN+
IN–
V
S
GND
REF2
REF1
5 V
50 m
Control
Figure 9-1. Solenoid Drive Application Circuit
9.2.1.1 Design Requirements
In this example application, the common-mode voltage ranges from 0 V to 22 V. The maximum sense current is
1.25 A, and a 5-V supply is available for the INA296x. Following the design guidelines from RSENSE and Device
Gain Selection, a RSENSE of 50 mΩ and a gain of 20 V/V are selected to provide good output dynamic range.
Table 9-2 lists the design setup for this application.
Table 9-2. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
Power supply voltage
5 V
Common mode voltage range
0 V to 22 V
Maximum sense current
1.25 A
RSENSE resistor
50 mΩ
INA296A, INA296B
SBOSA04C – MARCH 2022 – REVISED OCTOBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com