Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA296A Datasheet HTML 7Page - Texas Instruments INA296A Datasheet HTML 8Page - Texas Instruments INA296A Datasheet HTML 9Page - Texas Instruments INA296A Datasheet HTML 10Page - Texas Instruments INA296A Datasheet HTML 11Page - Texas Instruments INA296A Datasheet HTML 12Page - Texas Instruments INA296A Datasheet HTML 13Page - Texas Instruments INA296A Datasheet HTML 14Page - Texas Instruments INA296A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-40
-30
-20
-10
0
10
20
30
40
G = 10
G = 20
G = 50
G = 100
G = 200
INA296A
Figure 7-13. Gain Error vs Temperature
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
G = 10
G = 20
G = 50
G = 100
G = 200
INA296A
Figure 7-14. Power-Supply Rejection Ratio vs Temperature
Frequency (Hz)
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
G = 10
G = 20
G = 50 to 200
INA296A
Figure 7-15. Power-Supply Rejection Ratio vs Frequency
VSENSE = 0 V
Figure 7-16. Input Bias Current vs Common-Mode Voltage
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-10
0
10
20
30
40
50
VS = 2.7V to 20V, VCM = 110V
VS = 2.7V to 20V, VCM = 48V
VS = 2.7V to 20V, VCM = -5V
VS = 0V, VCM = 110V
Figure 7-17. Input Bias Current vs Temperature
VSENSE (mV)
-2000 -1500 -1000
-500
0
500
1000
1500
2000
-320
-240
-160
-80
0
80
160
240
320
400
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
Figure 7-18. INA296x1 Input Bias Current vs VSENSE
www.ti.com
INA296A, INA296B
SBOSA04C – MARCH 2022 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com