Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA296A Datasheet HTML 16Page - Texas Instruments INA296A Datasheet HTML 17Page - Texas Instruments INA296A Datasheet HTML 18Page - Texas Instruments INA296A Datasheet HTML 19Page - Texas Instruments INA296A Datasheet HTML 20Page - Texas Instruments INA296A Datasheet HTML 21Page - Texas Instruments INA296A Datasheet HTML 22Page - Texas Instruments INA296A Datasheet HTML 23Page - Texas Instruments INA296A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
+
–
IN+
IN–
REF1
REF2
VS
GND
OUT
VS
REF5025
2.5-V
Reference
Figure 8-6. Mid-External Reference Output
8.4.3.4 Output Set Using Resistor Divider
The INA296x reference pins allow for the mid-point of the output voltage to be adjusted for system circuitry
connections to analog to digital converters (ADCs) or other amplifiers. The reference pins are designed to
be connected directly to supply, ground, or a low-impedance reference voltage. The reference pins can be
connected together and biased using a resistor divider to achieve a custom output voltage. If the amplifier
is used in this configuration, as shown in Figure 8-7, use the output as a differential signal with respect to
the resistor divider voltage. Use of the amplifier output as a single-ended signal in this configuration is not
recommended because the internal impedance shifts can adversely affect device performance specifications. If
single-ended measurement is required, TI recommends to use an external op amp to buffer the resistor divider
voltage (see Figure 8-8).
+
±
IN+
IN±
REF2
REF1
VS
GND
OUT
VS
TO ADC±
TO ADC+
R1
R2
Figure 8-7. Setting the Reference Using a Resistor Divider
INA296A, INA296B
SBOSA04C – MARCH 2022 – REVISED OCTOBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA296A INA296B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com