Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 32 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 28Page - Texas Instruments LMK6P Datasheet HTML 29Page - Texas Instruments LMK6P Datasheet HTML 30Page - Texas Instruments LMK6P Datasheet HTML 31Page - Texas Instruments LMK6P Datasheet HTML 32Page - Texas Instruments LMK6P Datasheet HTML 33Page - Texas Instruments LMK6P Datasheet HTML 34Page - Texas Instruments LMK6P Datasheet HTML 35Page - Texas Instruments LMK6P Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
Supply Voltage (V)
1.8
2.1
2.4
2.7
3
3.3
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
Temp = 25oC
Frequency = 50 MHz
0 pF
2.2 pF
4.7 pF
10 pF
15 pF
22 pF
Figure 10-6. Rise / Fall time (ps) vs Supply Voltage vs Load Capacitance
10.3 Power Supply Recommendations
For the best electrical performance of the LMK6x, TI recommends use 1 µF capacitor on the device power
supply bypass network. TI also recommends using component side mounting of the power-supply bypass
capacitors, and best to use 0201 or 0402 body size capacitors to facilitate signal routing. Keep the connections
between the bypass capacitors and the power supply on the device as short as possible. Ground the other side
of the capacitor using a low impedance connection to the ground plane.
10.4 Layout
10.4.1 Layout Guidelines
The following sections provide recommendations for board layout, solder reflow profile and power-supply
bypassing when using the LMK6x to ensure good thermal and electrical performance and signal integrity of
the entire system.
10.4.1.1 Ensuring Thermal Reliability
The LMK6x is a high-performance device. Therefore, pay careful attention to device configuration and printed
circuit board (PCB) layout with respect to power consumption. The ground pin must be connected to the ground
plane of the PCB through three vias or more to maximize thermal dissipation out of the package.
The equation below describes the relationship between the PCB temperature around the LMK6x and its junction
temperature.
TB = TJ – ΨJB × P
(1)
where
• TB: PCB temperature around the LMK6x
• TJ: Junction temperature of LMK6x
• ΨJB: Junction-to-board thermal resistance parameter of LMK6x (refer to the Thermal Information tables in the
Specifications section for this information)
• P: On-chip power dissipation of LMK6x
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com