Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 14 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 10Page - Texas Instruments LMK6P Datasheet HTML 11Page - Texas Instruments LMK6P Datasheet HTML 12Page - Texas Instruments LMK6P Datasheet HTML 13Page - Texas Instruments LMK6P Datasheet HTML 14Page - Texas Instruments LMK6P Datasheet HTML 15Page - Texas Instruments LMK6P Datasheet HTML 16Page - Texas Instruments LMK6P Datasheet HTML 17Page - Texas Instruments LMK6P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
over recommended operating conditions, typical temperature = 25°C, frequency output = 156.25 MHz, VDD = 3.3 V,
LVCMOS output capacitor load = 2.2 pF (unless otherwise specified)(4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS - Clock Output Jitter
RJ
RMS jitter (integration BW: 12 kHz to 20
MHz)
Fout = 156.25 MHz
0.25
0.5
ps
PN1k
Phase noise at 1 kHz offset
Fout = 156.25 MHz
–100
dBc/Hz
PN10k
Phase noise at 10 kHz offset
–128
dBc/Hz
PN100k
Phase noise at 100 kHz offset
–143
dBc/Hz
PN1M
Phase noise at 1 MHz offset
–150
dBc/Hz
PN10M
Phase noise at 10 MHz offset
–152
dBc/Hz
RJ
RMS jitter (integration BW: 12 kHz to 5
MHz)
Fout = 24 MHz
0.25
.5
ps
Fout = 25 MHz
0.25
.5
ps
Fout = 33.33 MHz
0.25
1
ps
RMS jitter (integration BW: 12 kHz to 20
MHz)
Fout = 40 MHz
0.5
1
ps
Fout = 50 MHz
0.4
1
ps
Fout = 66.66 MHz
0.5
1
ps
Fout = 74.25 MHz
0.3
0.5
ps
Fout = 78 MHz
0.35
0.5
ps
Fout = 100 MHz
0.35
0.5
ps
Fout = 125 MHz
0.35
0.5
ps
RPeriodJIT
T,RMS
RMS period jitter
Fout ≥ 25 MHz
1.5
ps
RJITT,PK-
PK
Peak-peak period jitter
Fout ≥ 25 MHz
13
ps
(1)
DC Load condition
(2)
Measured using TI LMK6x Evaluation Module;
(3)
Refer to the Application Curves section for Rise time and fall time details for different capacitor load values.
(4)
The Jitter specifications are based on design and characterization
7.8 Timing Diagrams
VOD = VOH - VOL
OUTx_N
OUTx_P
VOUT-DIFF = 2 × VOD
0 V
20%
80%
tR
tF
VOH
VOL
Figure 7-1. Differential Output Voltage and Rise/Fall Time
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com