Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 8 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 4Page - Texas Instruments LMK6P Datasheet HTML 5Page - Texas Instruments LMK6P Datasheet HTML 6Page - Texas Instruments LMK6P Datasheet HTML 7Page - Texas Instruments LMK6P Datasheet HTML 8Page - Texas Instruments LMK6P Datasheet HTML 9Page - Texas Instruments LMK6P Datasheet HTML 10Page - Texas Instruments LMK6P Datasheet HTML 11Page - Texas Instruments LMK6P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
7.7 Electrical Characteristics
over recommended operating conditions, typical temperature = 25°C, frequency output = 156.25 MHz, VDD = 3.3 V,
LVCMOS output capacitor load = 2.2 pF (unless otherwise specified)(4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Consumption Characteristics
IDD
Device power consumption
(LVPECL,VDD = 2.5 V/3.3 V, excluding
load current)
100 MHz
65
82
mA
156.25 MHz
69
87
mA
200 MHz
67
85
mA
312.5 MHz
76
95
mA
400 MHz
88
108
mA
Device power consumption
(LVPECL,VDD = 1.8 V, excluding load
current)
100 MHz
61
79
mA
156.25 MHz
66
83
mA
200 MHz
64
82
mA
312.5 MHz
73
91
mA
400 MHz
84
104
mA
Device power consumption
(HCSL,VDD = 2.5 V/3.3 V, excluding load
current)
100 MHz
65
82
mA
156.25 MHz
69
87
mA
200 MHz
67
86
mA
312.5 MHz
76
96
mA
400 MHz
88
108
mA
Device power consumption
(HCSL,VDD = 1.8 V, excluding load
current)
100 MHz
58
75
mA
156.25 MHz
62
80
mA
200 MHz
60
78
mA
312.5 MHz
69
88
mA
400 MHz
77
97
mA
Device power consumption
(LVDS,VDD = 2.5 V/3.3 V, excluding load
current)
100 MHz
54
71
mA
156.25 MHz
58
75
mA
200 MHz
56
74
mA
312.5 MHz
65
84
mA
400 MHz
76
96
mA
Device power consumption
(LVDS,VDD = 1.8 V, excluding load
current)
100 MHz
52
68
mA
156.25 MHz
56
72
mA
200 MHz
54
71
mA
312.5 MHz
63
80
mA
400 MHz
74
92
mA
Device power consumption
(LVCMOS,VDD = 2.5 V / 3.3 V, with
load)
100 MHz
45
62
mA
156.25 MHz
55
71
mA
200 MHz
61
77
mA
Device power consumption
(LVCMOS,VDD = 1.8 V, with load)
100 MHz
44
59
mA
156.25 MHz
50
65
mA
200 MHz
56
72
mA
IDD-STBY Device standby current
ST (Standby) = GND
6
13
mA
IDD-PD
Device current with output disabled (100
MHz)
OE = GND, LVPECL mode, VDD = 3.3 V
48
67
mA
OE = GND, HCSL mode, VDD = 3.3 V
49
67
mA
OE = GND, LVDS mode, VDD = 3.3 V
49
66
mA
OE = GND, LVCMOS mode, VDD = 3.3 V
40
56
mA
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com