Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 21 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 17Page - Texas Instruments LMK6P Datasheet HTML 18Page - Texas Instruments LMK6P Datasheet HTML 19Page - Texas Instruments LMK6P Datasheet HTML 20Page - Texas Instruments LMK6P Datasheet HTML 21Page - Texas Instruments LMK6P Datasheet HTML 22Page - Texas Instruments LMK6P Datasheet HTML 23Page - Texas Instruments LMK6P Datasheet HTML 24Page - Texas Instruments LMK6P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Rp
Rp
LMK6P Device
Phase Noise
Analyzer
Balun
Figure 8-6. LMK6P Output Phase Noise Configuration
Table 8-1. LMK6P Output Test configuration and Phase Noise Configuration Rp Values
SUPPLY (V)
Rp (Ω)
3.3 V
207.5
2.5 V
112.5
1.8 V
83.3
LMK6H Device
Oscilloscope
(50- inputs)
Figure 8-7. LMK6H Output Test Configuration
50
50
LMK6H Device
Phase Noise
Analyzer
Clock
Buffer
Figure 8-8. LMK6H Output Phase Noise Configuration
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com