Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 5 Page - Texas Instruments

  LMK6P Datasheet HTML 1Page - Texas Instruments LMK6P Datasheet HTML 2Page - Texas Instruments LMK6P Datasheet HTML 3Page - Texas Instruments LMK6P Datasheet HTML 4Page - Texas Instruments LMK6P Datasheet HTML 5Page - Texas Instruments LMK6P Datasheet HTML 6Page - Texas Instruments LMK6P Datasheet HTML 7Page - Texas Instruments LMK6P Datasheet HTML 8Page - Texas Instruments LMK6P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
6 Pin Configuration and Functions
1
OE / ST / NC
2
4
6
5
3
OE / ST / NC
GND
VDD
OUTN
OUTP
Figure 6-1. LMK6P, LMK6D, or LMK6H 6-Pin VSON (Top View)
Table 6-1. LMK6P, LMK6D, or LMK6H Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
DLE/DLF
OE / ST / NC
1
I / NC
Output Enable (OE) or Standby (ST) pin or No Connect (NC). See Table 9-1
for more details.
OE / ST / NC
2
NC / I
Output Enable (OE) or Standby (ST) pin or No Connect (NC). See Table 9-1
for more details.
GND
3
G
Device ground
OUTP
4
O
Positive differential output clock
OUTN
5
O
Negative differential output clock
VDD
6
P
Device power supply
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, NC = No Connect (can be left floating).
1
OE / ST / NC
3
4
2
GND
VDD
OUT
Figure 6-2. LMK6C 4-Pin VSON (Top View)
Table 6-2. LMK6C Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
DLE/DLF
OE / ST / NC
1
I / NC
Output Enable (OE) or Standby (ST) pin or No Connect (NC). See
Table 9-2 for more details.
GND
2
G
Device ground
OUT
3
O
LVCMOS output clock
VDD
4
P
Device power supply
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, NC = No Connect (can be left floating).
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com