Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 6 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 2Page - Texas Instruments LMK6P Datasheet HTML 3Page - Texas Instruments LMK6P Datasheet HTML 4Page - Texas Instruments LMK6P Datasheet HTML 5Page - Texas Instruments LMK6P Datasheet HTML 6Page - Texas Instruments LMK6P Datasheet HTML 7Page - Texas Instruments LMK6P Datasheet HTML 8Page - Texas Instruments LMK6P Datasheet HTML 9Page - Texas Instruments LMK6P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD
Device Supply Voltage(2)
–0.3
3.63
V
Device Supply Voltage(3)
–0.3
1.98
V
EN
Logic Input Voltage
–0.3
VDD + 0.3
V
OUTP, OUTN
Clock Output Voltage(4)
–0.3
VDD + 0.3
V
OUT
Clock Output Voltage(5)
–0.3
VDD + 0.3
V
TJ
Junction Temperature
125
℃
TSTG
Storage Temperature
150
℃
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
For all devices with Recommended Operating Voltage of 2.5 V +/- 5% and 3.3 V +/- 5%
(3)
For all devices with Recommended Operating Voltage of 1.8 V +/- 5%
(4)
For all differential outputs - LMK6D, LMK6H, and LMK6P.
(5)
For single ended outputs - LMK6C.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Environmental Compliance
VALUE
UNIT
Mechanical Shock Resistance
MIL-STD-883F, Method 2002, Condition A
1500
g
Mechanical Vibration Resistance
MIL-STD-883F, Method 2026, Condition C
10
g
MIL-STD-883F, Method 2007, Condition A
20
g
Moisture Sensitivity Level (MSL)
MSL1
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Device Supply Voltage(1)
1.7
1.8
1.9
V
Device Supply Voltage(2)
2.37
2.5, 3.3
3.5
V
TA
Ambient temperature(3)
–40
85
°C
Ambient temperature(4)
–40
105
°C
TJ
Junction temperature
125
°C
tRAMP
VDD power-up ramp time(1) (2)
0.1
100
ms
(1)
For all devices with Recommended Operating Voltage of 1.8V +/- 5%
(2)
For all devices with Recommended Operating Voltage of 2.5V +/- 5% and 3.3V +/- 5%
(3)
For all differential outputs - LMK6D, LMK6H and LMK6P.
(4)
For single-ended output - LMK6C.
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com