Electronic Components Datasheet Search
  English  ▼

X  

AP2302 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302
Description  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2302 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
5
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Offset Voltage
VOS
IL=0A (Note 4)
-20
0
20
mV
Load
Regulation
DDR I
∆V
OUT/
VOUT
IL=0 to 1.5A
0.8
2
%
IL=0 to -1.5A
0.8
2
DDR II
IL=0 to 1.5A
1.2
3
IL=0 to -1.5A
1.2
3
Quiescent Current of VCNTL
IQ
No Load
3
5
mA
Leakage Current in Shutdown Mode
ISHDN
VREFEN<0.2V, RL=180Ω
36
µA
Protection
Current Limit
ILIMIT
3A
Thermal Shutdown Temperature
TSHDN
3.3V
≤V
CNTL≤5V
150
oC
Thermal Shutdown Hysteresis
50
oC
Shutdown Function
Shutdown Threshold Trigger
Output=High
0.8
V
Output=Low
0.2
Electrical Characteristics
(TJ=25
oC, V
IN=2.5V, VCNTL=3.3V, VREFEN=1.25V, COUT=10µF (Ceramic), unless otherwise specified.)
Note 4: VOS is the voltage measurement defined as VOUT subtracted from VREFEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com