Electronic Components Datasheet Search
  English  ▼

X  

AP2302 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302
Description  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
6
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 6. Threshold Voltage vs. Junction Temperature
Figure 7. Threshold Voltage vs. Junction Temperature
Figure 4. Sourcing Current vs. Junction Temperature
Figure 5. Sinking Current vs. Junction Temperature
-40
-20
0
20
40
60
80
100
120
2
4
6
V
CNTL
=3.3V
V
IN
=2.5V
V
OUT
=1.25V
Junction Temperature (
oC)
-40
-20
0
20
406080
100
120
2
4
6
V
CNTL
=3.3V
V
IN
=2.5V
V
OUT
=1.25V
Junction Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
500
550
600
650
V
CNTL
=3.3V
V
IN
=2.5V
Junction Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
500
550
600
650
V
CNTL
=5.0V
V
IN
=2.5V
Junction Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com