Electronic Components Datasheet Search
  English  ▼

X  

AP2302 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302
Description  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2302 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
3
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AP2302
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
0 to 125oC
AP2302M
AP2302M-E1
2302M
2302M-E1
Tube
AP2302MTR
AP2302MTR-E1
2302M
2302M-E1
Tape & Reel
TO-252-
5L
0 to 125oC
AP2302D
AP2302D-E1
AP2302D
AP2302D-E1
Tube
AP2302DTR
AP2302DTR-E1
AP2302D
AP2302D-E1
Tape & Reel
TO-263-
5L
0 to 125oC
AP2302S5
AP2302S5-E1
AP2302S5
AP2302S5-E1
Tube
AP2302S5TR
AP2302S5TR-E1
AP2302S5
AP2302S5-E1
Tape & Reel
Ordering Information
Circuit Type
Package
E1: Lead Free
Blank: Tin Lead
AP2302
-
TR: Tape and Reel
Blank: Tube
BANDGAP
START UP
CURRENT
LIMIT
THERMAL
PROTECT
OUTPUT
CONTROL
REFEN
V
IN
V
CNTL
GND
V
OUT
1
2
3 (5, 6, 7, 8)
4 (3)
5 (4)
M: SOIC-8
D: TO-252-5L
S5: TO-263-5L
A(B)
A for 5-pin
B for 8-pin
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com