Electronic Components Datasheet Search
  English  ▼

X  

AP2302 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302
Description  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
8
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 12. Copper Area vs. Power Dissipation
4.04.5
5.05.5
6.06.5
7.07.5
8.0
100
150
200
250
300
350
Power Dissipation (W)
T
C
=25
oC
T
C
=50
oC
T
C
=65
oC
Package: SOIC-8
No Heatsink
Figure 13. Copper Area vs. Power Dissipation
6.06.5
7.07.5
8.08.5
9.0
9.5
10.0
100
150
200
250
300
350
Power Dissipation (W)
T
C
=25
oC
T
C
=50
oC
T
C
=65
oC
Package: TO-252-5L
No Heatsink
Figure 14. Copper Area vs. Power Dissipation
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
100
150
200
250
300
350
Power Dissipation (W)
T
C
=25
oC
T
C
=50
oC
T
C
=65
oC
Package: TO-263-5L
No Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com