Electronic Components Datasheet Search
  English  ▼

X  

AP2302 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302
Description  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
9
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Application
Figure 15. Typical Application of AP2302
R1=R2=100K
Ω, R
TT=50Ω / 33Ω / 25Ω
RDUMMY=1KΩ, as for VOUT discharge when VIN is not present but VCNTL is present
CSS=1µF, CIN=470µF, CCNTL=47µF, COUT=470µF
V
IN
V
CNTL
REFEN
AP2302
V
OUT
GND
R
TT
R
DUMMY
C
OUT
V
CNTL
=
3.3V
EN
R
1
R
2
C
SS
C
CNTL
C
IN
V
IN
=
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com