Electronic Components Datasheet Search
  English  ▼

X  

B25355 Datasheet(PDF) 10 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 10 Page - EPCOS

Back Button B25355 Datasheet HTML 6Page - EPCOS B25355 Datasheet HTML 7Page - EPCOS B25355 Datasheet HTML 8Page - EPCOS B25355 Datasheet HTML 9Page - EPCOS B25355 Datasheet HTML 10Page - EPCOS B25355 Datasheet HTML 11Page - EPCOS B25355 Datasheet HTML 12Page - EPCOS B25355 Datasheet HTML 13Page - EPCOS B25355 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Siemens Matsushita Components
73
UN(co) = DC 1600 V
UN(sto)= DC 2000 V
Ui
= AC 1450 V
û = 2000 V
us = 2400 V
UTT = DC 2400 V, 10 s
UTC = AC 3900 V, 10 s
1
16
700
1700 17,0
70
35,0
× 57 4
70
B25355-J1105-K001
2
16
400
1000 38,0
110
35,0
× 86 4
100
B25355-J1205-K001
4
16
800
2000 22,0
110
35,0
× 86 4
100
B25355-J1405-K001
6,3
16
1200
3100 16,0
110
40,0
× 86 4
130
B25355-J1635-K001
8
16
1600
4000 14,0
110
45,0
× 86 4
160
B25355-J1805-K001
10
16
2000
5000 12,0
110
50,0
× 86 4
200
B25355-J1106-K001
16
20
3200
8000
5,7
110
79,2
× 104 5
600
B25355-L1166-K001
20
20
4000 10000
4,7
110
79,2
× 104 5
600
B25355-L1206-K001
31,5
20
6300 15000
3,7
110
99,3
× 104 5
950
B25355-L1316-K001
40
20
4000 10000
8,3
180
79,2
× 176 5
1000
B25355-L1406-K001 84
110
80
11000 27000
3,5
180 121,6
× 176 1a 2500
B25355-L1117-K004
220
100
22000 55000
2,0
210 121,6
× 325 2a 4500
B25355-L1227-K004
UN(co) = DC 1800 V
UN(sto)= DC 2300 V
Ui
= AC 1700 V
û = 2300 V
us = 2700 V
UTT = DC 2700 V, 10 s
UTC = AC 4400 V, 10 s
80
80
11000 28000
3,9
190 121,6
× 176 1a 2500
B25355-L1806-K004
145
100
20000 51000
2,3
210 121,6
× 325 2a 4500
B25355-L1147-K904
UN(co) = DC 2000 V
UN(sto)= DC 2500 V
Ui
= AC 1800 V
û = 2500 V
us = 3000 V
UTT = DC 3000 V, 10 s
UTC = AC 4600 V, 10 s
0,5
16
450
1100 22,0
70
35,0
× 57 4
70
B25355-J2504-K001
1
16
900
2200 14,0
70
40,0
× 57 4
90
B25355-J2105-K001
2
16
600
1500 28,0
110
35,0
× 86 4
100
B25355-J2205-K001
4
16
1200
3000 17,0
110
45,0
× 86 4
160
B25355-J2405-K001
6,3
20
1800
4700
8,7
110
64,2
× 104 5
400
B25355-L2635-K001
8
20
2400
6000
7,3
110
79,2
× 104 5
600
B25355-L2805-K001
10
20
3000
7500
6,0
110
79,2
× 104 5
600
B25355-L2106-K001
16
20
4800 12000
4,3
110
89,3
× 104 5
800
B25355-L2166-K001
20
20
6000 15000
3,8
110
99,3
× 104 5
950
B25355-L2206-K001 86
31,5
20
3100
7800
8,0
180
89,3
× 176 5
1300
B25355-L2316-K001
40
20
4000 10000
6,6
180
99,3
× 176 5
1600
B25355-L2406-K001
58
80
10000 25000
4,4
190 121,6
× 176 1b 2500
B25355-L2586-K004
105
100
18000 45000
2,6
230 121,6
× 325 2b 4500
B25355-L2107-K004
Characteristics and ordering codes
CN
1)
µF
Imax
A
î
A
Is
A
RS
20
°C
m
Ω
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
Pg.
1) Capacitance tolerance
± 10 %
B 25 355
Smoothing, Supporting, Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com