Electronic Components Datasheet Search
  English  ▼

X  

B25355 Datasheet(PDF) 25 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 25 Page - EPCOS

Back Button B25355 Datasheet HTML 21Page - EPCOS B25355 Datasheet HTML 22Page - EPCOS B25355 Datasheet HTML 23Page - EPCOS B25355 Datasheet HTML 24Page - EPCOS B25355 Datasheet HTML 25Page - EPCOS B25355 Datasheet HTML 26Page - EPCOS B25355 Datasheet HTML 27Page - EPCOS B25355 Datasheet HTML 28Page - EPCOS B25355 Datasheet HTML 29Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
88
Siemens Matsushita Components
32
µF / 2800 Vdc
Ordering code: B25355-L2326-K004
Characteristics
CN, tol.
32
µF ± 10 %
UN(co)
DC 2800 V
UN(sto)
DC 3500 V
Ui
AC 2500 V
WN
125 Ws
Imax
60 A
Lself
220 nH
tan
δ
0
50 · 10–4
RS
5,4 m
Ω
Maximum ratings
û
3500 V
us
4200 V
î
7kA
Is
18 kA
(d
u/dt)max
220 V/
µs
(d
u/dt)s
550 V/
µs
Test data
UTT
DC 4200 V, 10 s
UTC
AC 6000 V, 10 s
Ris · C
≥ 5000 s
tan
δ (120 Hz) ≤ 56 · 10–4
Climatic data
Θ
min
– 40
°C
Θ
max
+ 70
°C
Humidity
Average relative humidity
≤ 95 %
α
FQ(co)
300/109 h
α
FQ(sto)
3000/109 h
tLD(co)
100000 h
tLD(sto)
10000 h
Θ
stg
– 55 to + 85
°C
IEC climatic category: 40/070/56
(IEC 68-1 and 2)
Θ
test
+ 40
°C
Rel. humidity 93 %
ttest
56 days
∆C/C
≤ 1%
∆ tan δ≤ 10 · 10–4
Ris · C
≥ 5000 s
Design data
Dimensions
∅× l
121,6 mm
× 176 mm
Approx. weight
2500 g
Impregnation
Oil
Fixing
Threaded bolt M12
Mounting hole
14 mm
Max. torque
10 Nm
Terminals
Screw terminals M12
Max. torque
10 Nm
Terminal
cross section
16 mm2
Creepage distance
36 mm
Clearance
26 mm
Overpressure disconnector
KLK1449-7
M12
26 min.
Hex nut
M12
50
M12 ISO 4035
13 DIN 433
Washer
0,6
ø116,2 _
B 25 355
Smoothing, Supporting, Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com