Electronic Components Datasheet Search
  English  ▼

X  

B25355 Datasheet(PDF) 16 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 16 Page - EPCOS

Back Button B25355 Datasheet HTML 12Page - EPCOS B25355 Datasheet HTML 13Page - EPCOS B25355 Datasheet HTML 14Page - EPCOS B25355 Datasheet HTML 15Page - EPCOS B25355 Datasheet HTML 16Page - EPCOS B25355 Datasheet HTML 17Page - EPCOS B25355 Datasheet HTML 18Page - EPCOS B25355 Datasheet HTML 19Page - EPCOS B25355 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Siemens Matsushita Components
79
Thermal data
B25355-C6337-K005
Dielectric power dissipation
PD
versus repetition frequency
f0
Ohmic power dissipation
PR
versus rms current value
I
RS (70 °C) = 3,6 mΩ
Permissible ambient temperature
Θ
A
versus total power dissipation
P
(Upright mounting position)
ûac = 60 V
ûac = 54 V
Natural cooling
Forced cooling 2 m/s
Permissible capacitor
temperature
B 25 355
Smoothing, Supporting, Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com