Electronic Components Datasheet Search
  English  ▼

X  

B25355 Datasheet(PDF) 6 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 6 Page - EPCOS

Back Button B25355 Datasheet HTML 2Page - EPCOS B25355 Datasheet HTML 3Page - EPCOS B25355 Datasheet HTML 4Page - EPCOS B25355 Datasheet HTML 5Page - EPCOS B25355 Datasheet HTML 6Page - EPCOS B25355 Datasheet HTML 7Page - EPCOS B25355 Datasheet HTML 8Page - EPCOS B25355 Datasheet HTML 9Page - EPCOS B25355 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Siemens Matsushita Components
69
Test data:
DC test voltage between terminals
UTT
1,5 ·
UN(co), 10 s
AC test voltage between terminals
and case
UTC
2 ·
Ui + 1000 V, 50 Hz, 10 s
Insulation resistance
Ris
Self-discharge time constant
τ =
Ris · C
Dissipation factor
tan
δ
Technical data
CN
Screw terminals,
tab connectors
Screw-clamping
terminals
≤ 1 µF
≥ 5000 MΩ
–
> 1
µF
≥ 5000 s
≥ 3000 s
≤ 10 µF: ≤ 100 · 10–4, measuring frequency 1 kHz
>10
µF: < 70 · 10–4, measuring frequency 120 Hz
B 25 355
Smoothing, Supporting, Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com