Electronic Components Datasheet Search
  English  ▼

X  

B25355 Datasheet(PDF) 4 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 4 Page - EPCOS

  B25355 Datasheet HTML 1Page - EPCOS B25355 Datasheet HTML 2Page - EPCOS B25355 Datasheet HTML 3Page - EPCOS B25355 Datasheet HTML 4Page - EPCOS B25355 Datasheet HTML 5Page - EPCOS B25355 Datasheet HTML 6Page - EPCOS B25355 Datasheet HTML 7Page - EPCOS B25355 Datasheet HTML 8Page - EPCOS B25355 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Siemens Matsushita Components
67
High peak-current capability
Wide capacitance and voltage range
Construction
q
Self-healing
q
Paper dielectric
q
Oil and hard-wax-impregnated tubular
windings (no PCB)
q
Metal-sprayed end faces ensure
reliable contacting
q
Tubular aluminum case
q
1-pole and 2-pole versions
q
Ceramic or plastic lead-throughs
q
With mounting bolt
(325 mm high capacitors without mounting bolt)
Terminals
q
Screw terminals M12
q
Screw-clamping terminals
q
Tab connectors 6,3 mm
Mounting parts
q
If the vibration stress is
≤ 5 g and the capacitors are ≤ 60 mm
in diameter and
≤ 160 mm in height, the bolt is used for mounting.
q
For capacitors without mounting bolt and in case of a vibration
stress > 5
g as well as for larger-sized capacitors refer to chapter
“Mounting parts”.
Grounding
q
Mounting bolt or grounding strap
for grounding in accordance with VDE 0100
q
Grounding identification in accordance with DIN 40 011
Overpressure disconnector (mechanical)
When the overpressure disconnector responds,
the capacitor extends by up to 8 mm.
So leave sufficient space above the terminals when mounting the capacitor.
Individual data sheets
Individual capacitors of this series are specified in detail
(incl. thermal data) on pages 78 … 93.
Upon request, these data sheets are available for each capacitor type.
MP DC Capacitors
Smoothing, Supporting, Discharge
B 25 355
Jump to preceding page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com