Electronic Components Datasheet Search
  English  ▼

X  

B25355 Datasheet(PDF) 14 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 14 Page - EPCOS

Back Button B25355 Datasheet HTML 10Page - EPCOS B25355 Datasheet HTML 11Page - EPCOS B25355 Datasheet HTML 12Page - EPCOS B25355 Datasheet HTML 13Page - EPCOS B25355 Datasheet HTML 14Page - EPCOS B25355 Datasheet HTML 15Page - EPCOS B25355 Datasheet HTML 16Page - EPCOS B25355 Datasheet HTML 17Page - EPCOS B25355 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Siemens Matsushita Components
77
Dimensional drawing 6
Tab connectors 6,3 mm
Dimensions in mm
d –1,2
I –4
∅ d
1 – 0,4 Creepage
distance
Clearance
79,2
176
75,2
28
26
99,3
176
95,2
28
26
KLK1424-L
Tab connector
M12
19±2
A 6,3 x 0,8
DIN 46 244
ød 1
Dimensional drawing 5
Tab connectors 6,3 mm
Dimensions in mm
d –1,2
I –4
∅ d
1 –0,4 Creepage
distance
Clearance
64,2
104
60,2
79,2
104
75,2
79,2
176
75,2
89,3
104
85,2
20
15
89,3
176
85,2
99,3
104
95,2
99,3
176
95,2
Mounting parts (included in delivery)
Threaded bolt
Max. torque
Toothed washer
Hex nut
M12
10 Nm
J 12,5 DIN 6797
M12 ISO 4035
KLK1423-D
Tab connector
M12
35±2
A 6,3 x 0,8
DIN 46 244
15 min.
ød
1
B 25 355
Smoothing, Supporting, Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com