Electronic Components Datasheet Search
  English  ▼

X  

TLC271ACPSRG4 Datasheet(PDF) 53 Page - Texas Instruments

Part # TLC271ACPSRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPSRG4 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLC271ACPSRG4 Datasheet HTML 49Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 50Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 51Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 52Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 53Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 54Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 55Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 56Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (LOW-BIAS MODE)†
Figure 96
VDD = 5 mV
TA = 25°C
See Figure 100
VI = 10 mV
0
CL – Capacitive Load – pF
37
°
100
25
°
20
40
60
80
27
°
29
°
31
°
33
°
35
°
PHASE MARGIN
vs
CAPACITIVE LOAD
10
30
50
70
90
Figure 97
75
1
f – Frequency – Hz
200
1000
0
25
50
100
125
150
175
10
100
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
TA = 25°C
RS = 20Ω
VDD = 5 V
See Figure 99
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com