Electronic Components Datasheet Search
  English  ▼

X  

TLC271ACPSRG4 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLC271ACPSRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPSRG4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC271ACPSRG4 Datasheet HTML 21Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 22Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 23Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 24Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 25Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 26Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 27Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 28Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MEDIUM-BIAS MODE
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC271C, TLC271AC,
TLC271BC
UNIT
A
MIN
TYP
MAX
25
°C
0.43
VI(PP) = 1 V
0
°C
0.46
SR
Slew rate at unity gain
RL = 100 kΩ,
CL =20 pF
()
70
°C
0.36
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 98
25
°C
0.40
V/
µs
See Figure 98
VI(PP) = 2.5 V
0
°C
0.43
()
70
°C
0.34
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 99
RS = 20 Ω,
25
°C
32
nV/
√Hz
VV
C20 F
25
°C
55
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 100 kΩ
CL = 20 pF,
See Figure 98
0
°C
60
kHz
RL = 100 kΩ,
See Figure 98
70
°C
50
V10
V
C20 F
25
°C
525
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 100
CL = 20 pF,
0
°C
600
kHz
See Figure 100
70
°C
400
V10 mV
fB
25
°C
40
°
φm
Phase margin
VI = 10 mV,
CL =20 pF
f = B1,
See Figure 100
0
°C
41
°
CL = 20 F,
See Figure 100
70
°C
39
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC271C, TLC271AC,
TLC271BC
UNIT
A
MIN
TYP
MAX
25
°C
0.62
VI(PP) = 1 V
0
°C
0.67
SR
Slew rate at unity gain
RL = 100 kΩ,
CL =20 pF
()
70
°C
0.51
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 98
25
°C
0.56
V/
µs
See Figure 98
VI(PP) = 5.5 V
0
°C
0.61
()
70
°C
0.46
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 99
RS = 20 Ω,
25
°C
32
nV/
√Hz
VV
C20 F
25
°C
35
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 100 kΩ
CL = 20 pF,
See Figure 98
0
°C
40
kHz
RL = 100 kΩ,
See Figure 98
70
°C
30
V10
V
C20 F
25
°C
635
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 100
CL = 20 pF,
0
°C
710
kHz
See Figure 100
70
°C
510
V10 mV
fB
25
°C
43
°
φm
Phase margin
VI = 10 mV,
CL =20 pF
f = B1,
See Figure 100
0
°C
44
°
CL = 20 F,
See Figure 100
70
°C
42
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com