Electronic Components Datasheet Search
  English  ▼

X  

TLC271ACPSRG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC271ACPSRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPSRG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC271ACPSRG4 Datasheet HTML 14Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 15Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 16Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 17Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 18Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 19Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 20Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 21Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)†
Figure 22
TA = 25°C
See Figure 98
AV = 1
VI(PP) = 1 V
RL = 10 kΩ
CL = 20 pF
8
7
6
5
4
3
2
1
14
12
10
8
6
4
2
0
16
VDD – Supply Voltage – V
0
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 23
VDD = 10 V
VI(PP) = 1 V
VDD = 5 V
RL = 10 kΩ
AV = 1
See Figure 99
CL = 20 pF
– 75
0
1
2
3
4
5
6
7
8
100
75
50
25
0
– 25
– 50
125
TA – Free-Air Temperature – °C
SLEW RATE
vs
FREE-AIR TEMPERATURE
VDD = 10 V
VI(PP) = 5.5 V
VI(PP) = 1 V
VDD = 5 V
VI(PP) = 2.5 V
Figure 24
VI(SEL) = 0
TA = 25°C
– 2.4
– 1.8
– 1.2
– 0.6
14
12
10
8
6
4
2
0
16
– 3
VDD – Supply Voltage – V
0
BIAS-SELECT CURRENT
vs
SUPPLY VOLTAGE
– 2.7
– 2.1
– 1.5
– 0.9
– 0.3
Figure 25
VDD = 5 V
1000
100
9
8
7
6
5
4
3
2
1
0
10000
10
f – Frequency – kHz
10
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE
vs
FREQUENCY
TA = 125°C
TA = 25°C
TA = 55°C
VDD = 10 V
RL = 10 kΩ
See Figure 98
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com