Electronic Components Datasheet Search
  English  ▼

X  

TLC271ACPSRG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC271ACPSRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPSRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC271ACPSRG4 Datasheet HTML 12Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 13Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 14Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 15Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 16Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 17Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 18Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 19Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)†
Figure 14
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0
IOL – Low-Level Output Current – mA
1
8
0
1
2
34
5
6
7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VID = – 1 V
VIC = 0.5 V
TA = 25°C
VDD = 5 V
VDD = 3 V
VDD = 4 V
Figure 15
0
IOL – Low-Level Output Current – mA
3
30
0
5
10
15
20
25
0.5
1
1.5
2
2.5
TA = 25°C
VIC = 0.5 V
VID = –1 V
VDD = 10 V
VDD = 16 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 16
0
60
16
0
24
6
8
10
12
14
10
20
30
40
50
VDD – Supply Voltage – V
85
°C
125
°C
TA = – 55°C
RL = 10 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
0
°C
25
°C
Figure 17
– 75
TA – Free-Air Temperature – °C
50
125
0
– 50
– 25
0
25
50
75
100
5
10
15
20
25
30
35
40
45
VDD = 5 V
VDD = 10 V
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
RL = 10 kΩ
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com