Electronic Components Datasheet Search
  English  ▼

X  

TLC271ACPSRG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC271ACPSRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPSRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC271ACPSRG4 Datasheet HTML 10Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 11Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 12Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 13Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 14Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 15Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 16Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 17Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)†
Figure 6
0
0
IOH – High-Level Output Current – mA
– 10
5
– 2
– 4
– 6
– 8
1
2
3
4
TA = 25°C
VID = 100 mV
VDD = 5 V
VDD = 4 V
VDD = 3 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 7
0
0
IOH – High-Level Output Current – mA
– 40
16
– 10
– 20
– 30
2
4
6
8
10
12
14
VDD = 16 V
VDD = 10 V
VID = 100 mV
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
– 5
– 15
– 25
– 35
Figure 8
0
VDD – Supply Voltage – V
16
2
4
6
8
10
12
14
14
12
10
8
6
4
2
16
0
VID = 100 mV
RL = 10 kΩ
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 9
– 1.7
– 1.8
– 1.9
– 2
– 2.1
– 2.2
– 2.3
100
75
50
20
0
– 25
– 50
VDD – 1.6
125
TA – Free-Air Temperature – °C
– 2.4
– 75
IOH = – 5 mA
VID = 100 mA
VDD = 5 V
VDD = 10 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com