Electronic Components Datasheet Search
  English  ▼

X  

TLC271ACPSRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC271ACPSRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPSRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC271ACPSRG4 Datasheet HTML 16Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 17Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 18Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 19Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 20Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 21Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 22Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 23Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)†
Phase Shift
AVD
TA = 25°C
RL = 10 kΩ
VDD = 10 V
150
°
120
°
90
°
60
°
30
°
0
°
180
°
106
105
104
103
102
101
1
1 M
100 k
10 k
1 k
100
0.1
10 M
f – Frequency – Hz
10
LARGE-SCALE DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
107
Figure 29
Figure 30
0
VDD – Supply Voltage – V
53
°
16
2
4
6
8
10
12
14
47
°
49
°
51
°
CL = 20 pF
TA = 25°C
VI = 10 mV
See Figure 100
PHASE MARGIN
vs
SUPPLY VOLTAGE
46
°
45
°
48
°
50
°
52
°
Figure 31
– 75
50
°
125
40
°
– 50
– 25
0
25
50
75
100
42
°
44
°
46
°
48
°
VDD = 5 V
CL = 20 pF
VI = 10 mV
See Figure 100
TA – Free-Air Temperature – °C
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com