Electronic Components Datasheet Search
  English  ▼

X  

HT4906 Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT4906
Description  Li-ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4906 Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT4906 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HT4906
3
推荐电路应用图
D1
C1
10uF
LED
EXT_CH
L1
L2
L3
L4
KEY
CE
VDD
BTP
LX
EXT
TS
FB
STB
GND
LED1
LED2
LED3
LED4
1
2
3
4
VCC
D-
D+
GND
3
2
1
B-
B+
VSS
VDD
TD
OD
CSI
OC
6
5
4
1
2
G2
S2
S2
D2
G1
S1
S1
D1
1
2
3
4
5
6
7
8
1
2
3
4
VCC
D-
D+
GND
Q1
8550
R1
1K
U1
HT4906
R11
100R
C7
0.1uF
U2
DW01+
R12
1K
HT8205A
LED5
K1
Q4
HT9926
C2
1UF
C3
1UF
C4
10UF
L1
4.7uF
D2
Q3
HT9926
C5
100UF
C6
10UF
R2
261K
R3
82K
R7
43K
R8
75K
R9
51K
R10
51K
R4A
R4B
USB_OUT
USB_IN
D1
S1
S1
G1
D2
S2
S2
G2
5
6
7
8
1
2
3
4
HT8205A
Q5
3904
R6
100K
R5
1K
0.1R
0.1R
典型应用原理图
极限参数
符号(symbol)
参数(parameter)
极限值
单位(unit)
VDD
输入电压
2~6
V
BTP
电池正极
2~6
V
TJ
最大工作结温
150
TSTG
最小/最大储藏温度
-40~125
引脚焊接温度(10sec)
260
注意:超过上表中规定的极限参数可能会导致器件永久损坏。不推荐将该器件工作在以上极限条件,工作
在极限条件以上,可能会影响器件的可靠性。
推荐的工作条件
符号(symbol)
参数(parameter)
值(value)
单位(unit)
VCC
VCC 供电电压
2~6
V
TA
操作温度
-20~85



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com