Electronic Components Datasheet Search
  English  ▼

X  

HT4906 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT4906
Description  Li-ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4906 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT4906 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT4906
Ver1.0
1
移动电源管理方案
概述
HT4906 是一款集成了充电管理模块、电量检测
及 LED 指示模块、升压放电管理模块,完全取代
目前市场上的充电管理 IC+MCU+升压 IC 方案。
应用
 移动电源
 IPAD,MID 备用电源
 MP3,MP4,手机等数码产品的后备电源
特点
 内置电量检测,4 灯指示模式,充电时跑马
灯指示显示模式
 放电时,电量指示灯一直显示当前锂电池电
量,电量指示灯单向递减,直到关机熄灭
 线性充电模式,内置 MOSFET,可外扩三极
管充电。支持对 0V 电池充电,涓流/恒流/恒
压三段式充电。
 内置充电电流具有过温补偿
 充电外扩具有软开关功能
 升压电路使用外部 MOSFET
 手机插入自动启动升压功能
 4KV ESD
 检测短路或者过流保护信号后,关闭输出,
需要按按键重启才能解锁
 高精度过流保护
 升压具有软启动功能
 过流、短路保护
 处于充电状态时,若负载端有手机接入,则
USB_IN 掉电时,自动启动升压系统为手机
充电
 固定开关频率 500KHZ
 芯片待机功耗小于 5uA,整机系统待机功耗
可控制在 20uA 以下
 内置 LED 手电驱动
 电池过充、过放保护
 输出具有空载自动识别关机功能
 电池欠压保护具有锁存功能,必须充电才能
解锁
 升压工作时,BTP<3.2V 后,L1 闪烁报警,
直至升压关闭或 BTP<3V 自动关机


Similar Part No. - HT4906

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT4913S HOTCHIP-HT4913S Datasheet
944Kb / 7P
The built-in maximum 1 A linear charging mode
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
Highly integrated and minimal peripheral components
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
Highly integrated, minimal peripheral components
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
Highly integrated, minimal peripheral components
More results

Similar Description - HT4906

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
Li-ion Battery Charger
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com