Electronic Components Datasheet Search
  English  ▼

X  

HT4906 Datasheet(PDF) 8 Page - Hotchip Technology Co.,Ltd

Part # HT4906
Description  Li-ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4906 Datasheet(HTML) 8 Page - Hotchip Technology Co.,Ltd

Back Button HT4906 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HT4906
8
跑马灯指示时 L1-L4 的工作时序如下:
L1
L2
L3
L4
5T
T
T
Vbat<3.4V
L1
L2
L3
L4
4T
T
T
3.4<Vbat<3.7V
L1
L2
L3
L4
3T
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com