Electronic Components Datasheet Search
  English  ▼

X  

HT4906 Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT4906
Description  Li-ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4906 Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT4906 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HT4906
5
符号
特性
测试条件
单位
Min
Typ
Max
VBSTFB
升压系统电压反馈参考
V
1.225
1.25
1.275
UVLO
电池欠压保护
V
3.2
INOLOADOFF
空载检测电流门槛
mA
20
50
100
TNOLOADOFF
空载关闭升压系统的等待时间
S
30
Dmax
最大占空比
%
78
90
95
TN_DRIVE
NGATE 驱动 (load=1nF)
上升沿时间
nS
10
下降沿时间
nS
8.5
F
工作频率
KHz
400
500
600
OTP
过温保护
degC
150
迟滞
degC
20
Vocp
峰值电流阈值
BTP=3.2V
V
0.26
0.30
0.34
BTP=4.2V
V
0.18
0.20
0.22
Tss
软启动时间
mS
2
NOTE
:欠压保护 3.2V 是指在升压没工作时,一旦电池电压小于 3.2V,升压将不会工作;当升压工作时,电池电量慢慢
降低,要低至 3V 才会关机



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com