Electronic Components Datasheet Search
  English  ▼

X  

MAX98397 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX98397
Description  28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98397 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX98397 Datasheet HTML 28Page - Analog Devices MAX98397 Datasheet HTML 29Page - Analog Devices MAX98397 Datasheet HTML 30Page - Analog Devices MAX98397 Datasheet HTML 31Page - Analog Devices MAX98397 Datasheet HTML 32Page - Analog Devices MAX98397 Datasheet HTML 33Page - Analog Devices MAX98397 Datasheet HTML 34Page - Analog Devices MAX98397 Datasheet HTML 35Page - Analog Devices MAX98397 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 170 page
background image
Typical Operating Characteristics (continued)
(VVBAT = 5.0V, VDVDD = 1.8V, VAVDD = 1.8V, VGND = 0V, VPGND = 0V, VPVDD = 24V, CVBAT = 10µF + 0.1µF, CPVDD = 0.1µF + 10µF
+ 220µF, CDVDD = 1µF, CAVDD = 1µF, CVBOOT_P = 0.1µF, CVBOOT_N = 0.1µF, AV = 24dB, ZSPK = ∞ between OUTP and OUTN, AC
Measurement Bandwidth = 20Hz to 20kHz, fS = 48kHz, 24-bit data, fBCLK = 3.072MHz. Typical values are at TA = +25°C)
MAX98397
28V Digital Input, Class-DG Amplifier with
IVSENSE, Ultra-Low IQ, and Brownout Prevention
www.analog.com
Analog Devices | 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com