Electronic Components Datasheet Search
  English  ▼

X  

MAX98397 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX98397
Description  28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98397 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX98397 Datasheet HTML 17Page - Analog Devices MAX98397 Datasheet HTML 18Page - Analog Devices MAX98397 Datasheet HTML 19Page - Analog Devices MAX98397 Datasheet HTML 20Page - Analog Devices MAX98397 Datasheet HTML 21Page - Analog Devices MAX98397 Datasheet HTML 22Page - Analog Devices MAX98397 Datasheet HTML 23Page - Analog Devices MAX98397 Datasheet HTML 24Page - Analog Devices MAX98397 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
Electrical Characteristics (continued)
(VVBAT = 5.0V, VPVDD = 24V, VAVDD = 1.8V, VDVDD = 1.8V, CVBAT = 1x10µF, 1x0.1µF, CPVDD = 1x220µF, 2x10µF, 2x0.1µF, CAVDD
= 1µF, CDVDD = 1µF, CVBOOTP = 0.1µF, CVBOOTN = 0.1µF, ZSPK = Open, fs = 48kHz, AC Measurement Bandwidth = 20Hz to 20kHz,
SPK_GAIN_MAX = 0x12 (24dB), Data Width = 24-bit, SPK_MODE = 0x0 (DG), TA = TMIN to TMAX unless otherwise noted. Typical
values are at TA = +25°C (Note 2))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Low
VIL
0.3 x
VDVDD
V
Input Leakage Current
TA = +25°C, input high
-1
+1
µA
Input Hysteresis
VHYS
75
mV
Maximum Input
Capacitance
CIN
10
pF
DIGITAL I/O / OPEN-DRAIN OUTPUT — SDA, IRQ, LV_EN
Output Voltage Low
VOL
ISINK = 3mA
0.4
V
Output High Leakage
Current
IOH
TA = +25°C
-1
+1
µA
DIGITAL I/O / PUSH-PULL OUTPUT — DOUT, ICC, IRQ
Output Voltage High
VOH
IOH = 3mA
VDVDD -
0.3
V
Output Voltage Low
VOL
IOL = 3mA
0.3
V
Output Current
IOH
Maximum-drive mode
8
mA
High-drive mode
6
Normal-drive mode
4
Reduced-drive mode
2
PCM AUDIO INTERFACE TIMING
LRCLK Frequency
Range
fLRCLK
All DAI operating modes
16
192
kHz
BCLK Frequency Range
fBCLK
I2S/left-justified modes
1.024
12.288
MHz
TDM mode
1.024
24.576
BCLK Duty Cycle
DC
45
55
%
BCLK Period
tBCLK
I2S/left-justified only
80
ns
TDM mode
40
Maximum BCLK Input
Low Frequency Jitter
Maximum allowable jitter before a
-20dBFS, 20kHz input has a 1dB
reduction in THD+N, RMS jitter ≤ 40kHz
0.2
ns
Maximum BCLK Input
High Frequency Jitter
Maximum allowable jitter before a
-60dBFS, 20kHz input has a 1dB
reduction in THD+N, RMS jitter > 40kHz
1
ns
PCM AUDIO INTERFACE TIMING / INTERFACE TIMING
LRCLK to BCLK Active
Edge Setup Time
tSYNCSET
4
ns
LRCLK to BCLK Active
Edge Hold Time
tSYNCHOLD
4
ns
DIN to BCLK Active
Edge Setup Time
tSETUP
4
ns
DIN to BCLK Active
Edge Hold Time
tHOLD
4
ns
MAX98397
28V Digital Input, Class-DG Amplifier with
IVSENSE, Ultra-Low IQ, and Brownout Prevention
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com