Electronic Components Datasheet Search
  English  ▼

X  

MAX98397 Datasheet(PDF) 72 Page - Analog Devices

Part # MAX98397
Description  28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98397 Datasheet(HTML) 72 Page - Analog Devices

Back Button MAX98397 Datasheet HTML 68Page - Analog Devices MAX98397 Datasheet HTML 69Page - Analog Devices MAX98397 Datasheet HTML 70Page - Analog Devices MAX98397 Datasheet HTML 71Page - Analog Devices MAX98397 Datasheet HTML 72Page - Analog Devices MAX98397 Datasheet HTML 73Page - Analog Devices MAX98397 Datasheet HTML 74Page - Analog Devices MAX98397 Datasheet HTML 75Page - Analog Devices MAX98397 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 170 page
background image
Measurement ADC Channel Optimal Mode
Measurement ADC Channel Optimal Modes provide the fastest change to the amplifier output in response to a BPE
event. The VBAT and PVDD measurement ADC channels on the device must be enabled (MEAS_ADC_PVDD_EN,
MEAS_ADC_VBAT_EN) when using MEAS_ADC_OPT_MODE > 0. If VDDH_SNS input is used in the system, either
for supply monitoring or as a BPE Source channel, the VDDH_SNS measurement ADC channel must be enabled
(MEAS_ADC_VDDH_EN).
Table 10 shows the measurement ADC sample rates for the different measurement ADC channels in the two
measurement ADC optimal modes.
Table 10. Measurement ADC Channels Sample Rate in Optimal Modes
MEAS_ADC_OPT_MODE
BPE
SOURCE
BPE
SOURCE
SAMPLE
RATE
THERMAL
CHANNEL
SAMPLE RATE
SECONDARY
SUPPLY CHANNEL
SAMPLE RATE
VDDH_SNS
ADC
CHANNEL
STATE
VDDH_SNS
SAMPLE
RATE
0x1
VBAT
600kHz
37.5kHz
PVDD = 300kHz
Disabled
—
PVDD
600kHz
37.5kHz
VBAT = 300kHz
Disabled
—
VDDH_SNS 525kHz
37.5kHz
VBAT = 300kHz
PVDD = 75kHz
Enabled
525kHz
VBAT
525kHz
37.5kHz
VBAT = 525kHz
PVDD = 300kHz
Enabled
75kHz
PVDD
525kHz
37.5kHz
VBAT = 300kHz
PVDD = 525kHz
Enabled
75kHz
0x2
VBAT
900kHz
37.5kHz
PVDD = 75kHz
Disabled
—
PVDD
900kHz
37.5kHz
VBAT = 75kHz
Disabled
—
VDDH_SNS 825kHz
37.5kHz
VBAT = 75kHz
PVDD = 75kHz
Enabled
825kHz
VBAT
825kHz
37.5kHz
VBAT = 825kHz
PVDD = 75kHz
Enabled
75kHz
PVDD
825kHz
37.5kHz
VBAT = 75kHz
PVDD = 825kHz
Enabled
75kHz
Measurement ADC Thermal Channel
When the device is clocked, in the active state (EN = 1) the measurement ADC thermal channel automatically activates.
When active, it continuously measures and reports the device die temperature over the range from -29°C to +150°C.
The output of the thermal ADC channel can be read back through the MEAS_ADC_THERM_DATA bit field and is
the input to both the thermal protection and thermal foldback blocks. By default (MEAS_ADC_THERM_RD_MODE
= 0), the thermal readback value is automatically updated after each conversion is completed. Setting
MEAS_ADC_THERM_RD_MODE to 1 places thermal readback into manual mode. In manual mode, the thermal
readback result is updated manually when a 1 is written to the MEAS_ADC_THERM_UPD bit field. The ADC thermal
channel data read back in manual mode and the data streamed through the PCM interface is 9 bits. In the automatic
mode, since the 9-bit data readback is from two registers, the LSB register isn't guaranteed to be synchronous with the
MSB register and can result in higher noise in the automatic mode.
The highest measured temperature measurement result is read back through the HIGHEST_THERM_DATA_MSB and
HIGHEST_THERM_DATA_LSB bit fields. These bit fields both automatically clear and are reset to the value of the
current measurement result immediately after LSB readback is completed.
The thermal ADC channel also provides an optional lowpass IIR filter with a programmable bandwidth that scales relative
to the measurement ADC sample rate. The filter is enabled with the MEAS_ADC_TEMP_FILT_EN bit field and the
bandwidth is set with the MEAS_ADC_TEMP_FILT_COEFF bit field.
MAX98397
28V Digital Input, Class-DG Amplifier with
IVSENSE, Ultra-Low IQ, and Brownout Prevention
www.analog.com
Analog Devices | 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com