Electronic Components Datasheet Search
  English  ▼

X  

MAX98397 Datasheet(PDF) 92 Page - Analog Devices

Part # MAX98397
Description  28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98397 Datasheet(HTML) 92 Page - Analog Devices

Back Button MAX98397 Datasheet HTML 88Page - Analog Devices MAX98397 Datasheet HTML 89Page - Analog Devices MAX98397 Datasheet HTML 90Page - Analog Devices MAX98397 Datasheet HTML 91Page - Analog Devices MAX98397 Datasheet HTML 92Page - Analog Devices MAX98397 Datasheet HTML 93Page - Analog Devices MAX98397 Datasheet HTML 94Page - Analog Devices MAX98397 Datasheet HTML 95Page - Analog Devices MAX98397 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 170 page
background image
ADDRESS
NAME
MSB
LSB
0x20C5
Meas ADC Highest
Thermal Readback
MSB[7:0]
HIGHEST_THERM_DATA_MSB[7:0]
0x20C6
Meas ADC Highest
Thermal Readback
LSB[7:0]
–
–
–
–
–
–
–
HIGHES
T_THER
M_DATA
_LSB
0x20C7
Meas ADC Optimal
Mode[7:0]
–
–
–
–
MEAS_ADC_OPT_A
VE_SEL[1:0]
MEAS_ADC_OPT_
MODE[1:0]
0x20C8
Meas ADC Config[7:0]
–
–
–
–
–
MEAS_A
DC_VDD
H_EN
MEAS_A
DC_VBA
T_EN
MEAS_A
DC_PVD
D_EN
Dynamic Headroom Tracking
0x20D0
DHT Configuration
1[7:0]
–
–
–
–
DHT_VROT_PNT[3:0]
0x20D1
Limiter Configuration
1[7:0]
–
–
–
DHT_HR[4:0]
0x20D2
Limiter Configuration
2[7:0]
–
–
DHT_LIM_THRESH[4:0]
DHT_LI
M_MOD
E
0x20D3
DHT Configuration
2[7:0]
–
–
–
DHT_MAX_ATN[4:0]
0x20D4
DHT Configuration
3[7:0]
–
–
–
–
DHT_ATK_RATE[3:0]
0x20D5
DHT Configuration
4[7:0]
–
–
–
–
DHT_RLS_RATE[3:0]
0x20D6
DHT Supply Hysteresis
Configuration[7:0]
–
–
–
–
DHT_SUPPLY_HYST[2:0]
DHT_SU
PPLY_H
YST_EN
0x20DF
DHT Enable[7:0]
–
–
–
–
–
–
–
DHT_EN
I_V Sense Path Control
0x20E0
I_V Sense Path
Config[7:0]
–
–
–
–
IVADC_
WBAND
_FILT_E
N
IVADC_
DITH_E
N
IVADC_I
_DCBLK
_EN
IVADC_
V_DCBL
K_EN
0x20E4
I_V Sense Path
Enables[7:0]
–
–
–
–
–
IVADC_I
M_EN
IVADC_I
_EN
IVADC_
V_EN
Brownout Protection Engine
0x20E5
BPE State[7:0]
–
–
–
–
–
BPE_STATE[2:0]
0x20E6
BPE L3 Threshold
MSB[7:0]
BPE_L3_VTHRESH[8:1]
0x20E7
BPE L3 Threshold
LSB[7:0]
–
–
–
–
–
–
–
BPE_L3
_VTHRE
SH[0]
0x20E8
BPE L2 Threshold
MSB[7:0]
BPE_L2_VTHRESH[8:1]
0x20E9
BPE L2 Threshold
LSB[7:0]
–
–
–
–
–
–
–
BPE_L2
_VTHRE
SH[0]
MAX98397
28V Digital Input, Class-DG Amplifier with
IVSENSE, Ultra-Low IQ, and Brownout Prevention
www.analog.com
Analog Devices | 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com