Electronic Components Datasheet Search
  English  ▼

X  

MAX98397 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX98397
Description  28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98397 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX98397 Datasheet HTML 9Page - Analog Devices MAX98397 Datasheet HTML 10Page - Analog Devices MAX98397 Datasheet HTML 11Page - Analog Devices MAX98397 Datasheet HTML 12Page - Analog Devices MAX98397 Datasheet HTML 13Page - Analog Devices MAX98397 Datasheet HTML 14Page - Analog Devices MAX98397 Datasheet HTML 15Page - Analog Devices MAX98397 Datasheet HTML 16Page - Analog Devices MAX98397 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 170 page
background image
Electrical Characteristics (continued)
(VVBAT = 5.0V, VPVDD = 24V, VAVDD = 1.8V, VDVDD = 1.8V, CVBAT = 1x10µF, 1x0.1µF, CPVDD = 1x220µF, 2x10µF, 2x0.1µF, CAVDD
= 1µF, CDVDD = 1µF, CVBOOTP = 0.1µF, CVBOOTN = 0.1µF, ZSPK = Open, fs = 48kHz, AC Measurement Bandwidth = 20Hz to 20kHz,
SPK_GAIN_MAX = 0x12 (24dB), Data Width = 24-bit, SPK_MODE = 0x0 (DG), TA = TMIN to TMAX unless otherwise noted. Typical
values are at TA = +25°C (Note 2))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Max Group Delay
SPK_WBAND_FILT_EN = 0, f = 1kHz
6
Samples
DIGITAL AUDIO PATH / FILTERING / DIGITAL FILTER CHARACTERISTICS (LRCLK > 50kHz) (Note 5)
Valid Sample Rates
88.2
192
kHz
Passband Cutoff
fPLP
SPK_WBAND_FIL
T_EN = 1
Ripple < δP,
88.2kHz ≤ fS ≤
96kHz
0.440 x
fS
Hz
Droop < -3dB,
88.2kHz ≤ fS ≤
96kHz
0.45 x fS
Hz
fPLP
Ripple < δP,
176.4kHz ≤ fS ≤
192kHz
0.23 x fS
Hz
Droop < -3dB
cutoff, 176.4kHz ≤
fS ≤ 192kHz
0.3 x fS
Hz
Passband Ripple
δP
SPK_WBAND_FILT_EN = 1, f < fPLP,
referenced to signal level at 1kHz
-0.5
+0.5
dB
Stopband Cutoff
fSLP
SPK_WBAND_FILT_EN = 1, attenuation
< δS
0.52 x fS
Hz
Stopband Attenuation
δS
SPK_WBAND_FILT_EN = 1, f > fSLP
-77
dB
Max Group Delay
SPK_WBAND_FILT_EN = 1, f = 1kHz
5.5
Samples
Max Device-to-Device
Group Delay Variability
fIN = 1kHz
1
µs
CLASS-DG AMPLIFIER
Output Offset Voltage
VOS
TA = +25°C, ZSPK = 8Ω + 33µH,
DRE_EN = 0
-3.5
±0.5
+3.5
mV
TA = +25°C, PVDD mode, ZSPK = 8Ω +
33µH, DRE_EN = 0
-6
±0.5
+6
Click-and-Pop Level
KCP
Peak voltage, A-weighted, 32 samples
per second, digital silence used for input
signal, ZSPK = 8Ω + 33μH or 4Ω + 33μH,
into shutdown (Note 6)
-79
dBV
Peak voltage, A-weighted, 32 samples
per second, digital silence used for input
signal, ZSPK = 8Ω + 33μH or 4Ω + 33μH,
out of shutdown (Note 6)
-69
Efficiency
ηSPK
VPVDD = 24V, VVBAT = 5.0V, POUT =
1W, ZL = 8Ω + 33µH, fIN = 1kHz
83
%
ηSPK
VPVDD = 24V, VVBAT = 5.0V, POUT =
5W, ZL = 8Ω + 33µH, fIN = 1kHz
90.5
VPVDD = 24V, VVBAT = 5.0V, POUT =
1W, ZL = 4Ω + 33µH, fIN = 1kHz
81
MAX98397
28V Digital Input, Class-DG Amplifier with
IVSENSE, Ultra-Low IQ, and Brownout Prevention
www.analog.com
Analog Devices | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com