Electronic Components Datasheet Search
  English  ▼

X  

MAX98397 Datasheet(PDF) 86 Page - Analog Devices

Part # MAX98397
Description  28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98397 Datasheet(HTML) 86 Page - Analog Devices

Back Button MAX98397 Datasheet HTML 82Page - Analog Devices MAX98397 Datasheet HTML 83Page - Analog Devices MAX98397 Datasheet HTML 84Page - Analog Devices MAX98397 Datasheet HTML 85Page - Analog Devices MAX98397 Datasheet HTML 86Page - Analog Devices MAX98397 Datasheet HTML 87Page - Analog Devices MAX98397 Datasheet HTML 88Page - Analog Devices MAX98397 Datasheet HTML 89Page - Analog Devices MAX98397 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 170 page
background image
Register Map
Register Map
ADDRESS
NAME
MSB
LSB
Reset
0x2000
Software Reset[7:0]
–
–
–
–
–
–
–
RST
Interrupts
0x2001
Interrupt Raw 1[7:0]
THERM
SHDN_B
GN_RA
W
THERM
SHDN_E
ND_RA
W
THERM
WARN1_
BGN_RA
W
THERM
WARN1_
END_RA
W
THERMF
B_BGN_
RAW
THERMF
B_END_
RAW
OTP_FAI
L_RAW
SPK_OV
C_RAW
0x2002
Interrupt Raw 2[7:0]
THERM
WARN2_
BGN_RA
W
THERM
WARN2_
END_RA
W
INT_SPK
MON_E
RR_RA
W
INT_CLK
_ERR_R
AW
–
CLK_RE
COVER_
RAW
CLK_ER
R_RAW
DMON_
ERR_RA
W
0x2003
Interrupt Raw 3[7:0]
AVDD_U
VLO_RA
W
DVDD_U
VLO_RA
W
PWRUP
_DONE_
RAW
PWRDN
_DONE_
RAW
PVDD_U
VLO_SH
DN_RA
W
VBAT_U
VLO_SH
DN_RA
W
DHT_AC
TIVE_B
GN_RA
W
DHT_AC
TIVE_EN
D_RAW
0x2004
Interrupt Raw 4[7:0]
–
–
–
–
BPE_L0
_RAW
BPE_LE
VEL_RA
W
BPE_AC
TIVE_B
GN_RA
W
BPE_AC
TIVE_EN
D_RAW
0x2006
Interrupt State 1[7:0]
THERM
SHDN_B
GN_STA
TE
THERM
SHDN_E
ND_STA
TE
THERM
WARN1_
BGN_ST
ATE
THERM
WARN1_
END_ST
ATE
THERMF
B_BGN_
STATE
THERMF
B_END_
STATE
OTP_FAI
L_STAT
E
SPK_OV
C_STAT
E
0x2007
Interrupt State 2[7:0]
THERM
WARN2_
BGN_ST
ATE
THERM
WARN2_
END_ST
ATE
INT_SPK
MON_E
RR_STA
TE
INT_CLK
_ERR_S
TATE
–
CLK_RE
COVER_
STATE
CLK_ER
R_STAT
E
DMON_
ERR_ST
ATE
0x2008
Interrupt State 3[7:0]
AVDD_U
VLO_ST
ATE
DVDD_U
VLO_ST
ATE
PWRUP
_DONE_
STATE
PWRDN
_DONE_
STATE
PVDD_U
VLO_SH
DN_STA
TE
VBAT_U
VLO_SH
DN_STA
TE
DHT_AC
TIVE_B
GN_STA
TE
DHT_AC
TIVE_EN
D_STAT
E
0x2009
Interrupt State 4[7:0]
–
–
–
–
BPE_L0
_STATE
BPE_LE
VEL_ST
ATE
BPE_AC
TIVE_B
GN_STA
TE
BPE_AC
TIVE_EN
D_STAT
E
0x200B
Interrupt Flag 1[7:0]
THERM
SHDN_B
GN_FLA
G
THERM
SHDN_E
ND_FLA
G
THERM
WARN1_
BGN_FL
AG
THERM
WARN1_
END_FL
AG
THERMF
B_BGN_
FLAG
THERMF
B_END_
FLAG
OTP_FAI
L_FLAG
SPK_OV
C_FLAG
0x200C
Interrupt Flag 2[7:0]
THERM
WARN2_
BGN_FL
AG
THERM
WARN2_
END_FL
AG
INT_SPK
MON_E
RR_FLA
G
INT_CLK
_ERR_F
LAG
–
CLK_RE
COVER_
FLAG
CLK_ER
R_FLAG
DMON_
ERR_FL
AG
0x200D
Interrupt Flag 3[7:0]
AVDD_U
VLO_FL
AG
DVDD_U
VLO_FL
AG
PWRUP
_DONE_
FLAG
PWRDN
_DONE_
FLAG
PVDD_U
VLO_SH
DN_FLA
G
VBAT_U
VLO_SH
DN_FLA
G
DHT_AC
TIVE_B
GN_FLA
G
DHT_AC
TIVE_EN
D_FLAG
MAX98397
28V Digital Input, Class-DG Amplifier with
IVSENSE, Ultra-Low IQ, and Brownout Prevention
www.analog.com
Analog Devices | 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com