Electronic Components Datasheet Search
  English  ▼

X  

ICM7555CD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ICM7555CD
Description  General purpose CMOS timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ICM7555CD Datasheet(HTML) 6 Page - NXP Semiconductors

  ICM7555CD Datasheet HTML 1Page - NXP Semiconductors ICM7555CD Datasheet HTML 2Page - NXP Semiconductors ICM7555CD Datasheet HTML 3Page - NXP Semiconductors ICM7555CD Datasheet HTML 4Page - NXP Semiconductors ICM7555CD Datasheet HTML 5Page - NXP Semiconductors ICM7555CD Datasheet HTML 6Page - NXP Semiconductors ICM7555CD Datasheet HTML 7Page - NXP Semiconductors ICM7555CD Datasheet HTML 8Page - NXP Semiconductors ICM7555CD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
ICM7555
General purpose CMOS timer
August 31, 1994
342
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
100.0
10.0
1.0
0.1
0.1
1.0
10.0
OUTPUT VOLTAGE (V)
TA = 25°C
VDD = 18V
VDD = 5V
VDD = 2V
VDD = 18V
VDD = 5V
VDD = 2V
TA = -55°C
100.0
10.0
1.0
0.1
0.1
1.0
10.0
OUTPUT VOLTAGE (V)
0
10
20
30
40
500
400
300
200
100
0
LOWEST LEVEL OF TRIGGER PULSE (%VDD)
Low Output Voltage vs Output Sink Current
Low Output Voltage vs Output Sink Current
Minimum Pulse Width for Triggering
VDD = 18V
VDD = 5V
VDD = 2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com