Electronic Components Datasheet Search
  English  ▼

X  

ICM7555CD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ICM7555CD
Description  General purpose CMOS timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ICM7555CD Datasheet(HTML) 1 Page - NXP Semiconductors

  ICM7555CD Datasheet HTML 1Page - NXP Semiconductors ICM7555CD Datasheet HTML 2Page - NXP Semiconductors ICM7555CD Datasheet HTML 3Page - NXP Semiconductors ICM7555CD Datasheet HTML 4Page - NXP Semiconductors ICM7555CD Datasheet HTML 5Page - NXP Semiconductors ICM7555CD Datasheet HTML 6Page - NXP Semiconductors ICM7555CD Datasheet HTML 7Page - NXP Semiconductors ICM7555CD Datasheet HTML 8Page - NXP Semiconductors ICM7555CD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
ICM7555
General purpose CMOS timer
337
August 31, 1994
853-1192 13721
DESCRIPTION
The ICM7555 is a CMOS timer providing significantly improved
performance over the standard NE/SE555 timer, while at the same
time being a direct replacement for those devices in most
applications. Improved parameters include low supply current, wide
operating supply voltage range, low THRESHOLD, TRIGGER, and
RESET currents, no crowbarring of the supply current during output
transitions, higher frequency performance and no requirement to
decouple CONTROL VOLTAGE for stable operation.
The ICM7555 is a stable controller capable of producing accurate
time delays or frequencies.
In the one-shot mode, the pulse width of each circuit is precisely
controlled by one external resistor and capacitor. For astable
operation as an oscillator, the free-running frequency and the duty
cycle are both accurately controlled by two external resistors and
one capacitor. Unlike the bipolar 555 device, the CONTROL
VOLTAGE terminal need not be decoupled with a capacitor. The
TRIGGER and RESET inputs are active low. The output inverter can
source or sink currents large enough to drive TTL loads or provide
minimal offsets to drive CMOS loads.
FEATURES
• Exact equivalent in most applications for NE/SE555
• Low supply current: 80µA (typ)
• Extremely low trigger, threshold, and reset currents: 20pA (typ)
• High-speed operation: 500kHz guaranteed
• Wide operating supply voltage range guaranteed 3 to 16V over full
automotive temperatures
• Normal reset function; no crowbarring of supply during output
transition
• Can be used with higher-impedance timing elements than the
bipolar 555 for longer time constants
PIN CONFIGURATION
THRESHOLD
D and N Packages
DISCHARGE
VDD
CONTROL VOLTAGE
1
2
3
4
5
6
7
8
GND
TRIGGER
OUTPUT
RESET
• Timing from microseconds through hours
• Operates in both astable and monostable modes
• Adjustable duty cycle
• High output source/sink driver can drive TTL/CMOS
• Typical temperature stability of 0.005%/oC at 25°C
• Rail-to-rail outputs
APPLICATIONS
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation
• Pulse position modulation
• Missing pulse detector
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
ICM7555CN
0404B
8-Pin Plastic Small Outline (SO) Package
0 to +70
°C
ICM7555CD
0174C
8-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
ICM7555IN
0404B
8-Pin Plastic Small Outline (SO) Package
-40 to +85
°C
ICM7555ID
0174C


Similar Part No. - ICM7555CD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555CD NXP-ICM7555CD Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
ICM7555CD NXP-ICM7555CD Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
More results

Similar Description - ICM7555CD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
General-Purpose Timer
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
General-Purpose Timer?
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555IN NXP-ICM7555IN Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
CMOS general purpose timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
General purpose timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com