Electronic Components Datasheet Search
  English  ▼

X  

ICM7555CD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ICM7555CD
Description  General purpose CMOS timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ICM7555CD Datasheet(HTML) 3 Page - NXP Semiconductors

  ICM7555CD Datasheet HTML 1Page - NXP Semiconductors ICM7555CD Datasheet HTML 2Page - NXP Semiconductors ICM7555CD Datasheet HTML 3Page - NXP Semiconductors ICM7555CD Datasheet HTML 4Page - NXP Semiconductors ICM7555CD Datasheet HTML 5Page - NXP Semiconductors ICM7555CD Datasheet HTML 6Page - NXP Semiconductors ICM7555CD Datasheet HTML 7Page - NXP Semiconductors ICM7555CD Datasheet HTML 8Page - NXP Semiconductors ICM7555CD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
ICM7555
General purpose CMOS timer
August 31, 1994
339
DC AND AC ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
ICM7555
UNITS
MIN
TYP
MAX
VDD
Supply voltage
TMIN < TA < TMAX
3
16
V
IDD
Supply current1
VDD = VMIN
VDD = VMAX
50
180
200
300
µA
µA
Astable mode timing2
Initial accuracy
Drift with supply voltage
Drift with temperature3
RA, RB = 1k to 100k, C = 0.1µF
5V <V
DD <15V
VDD = 5V
VDD = 10V
VDD = 15V
1.0
0.1
50
75
100
5.0
3.0
%
%/V
ppm/oC
ppm/oC
ppm/oC
VTH
Threshold voltage
VDD = 5V
0.63
0.65
0.67
xVDD
VTRIG
Trigger voltage
VDD = 5V
0.29
0.31
0.34
xVDD
ITRIG
Trigger current
VDD = VTRIG = VMAX
VDD = VTRIG = 5V
VDD = VTRIG = VMIN
50
10
1
pA
pA
pA
ITH
Threshold current
VDD = VTH = VMAX
VDD = VTH = 5V
VDD = VTH = VMIN
50
10
1
pA
pA
pA
IRST
Reset current
VDD = VRST = VMAX
VDD = VRST =
5V
VDD = VRST = VMIN
100
20
2
pA
pA
pA
VRST
Reset voltage
VDD = VMIN and VMAX
0.4
0.7
1.0
V
VCV
Control voltage
VDD = 5V
0.62
0.65
0.67
xVDD
VOL
Output voltage (low)
VDD = VMAX, ISINK = 3.2mA
VDD = 5V,
ISINK = 3.2mA
0.1
0.2
0.4
0.4
V
V
VOH
Output voltage (high)
VDD = VMAX, ISOURCE = -1.0mA
VDD = 5V,
ISOURCE = -1.0mA
15.25
4.0
15.7
4.5
VDD
VDD
VDIS
Discharge output voltage
VDD = 5V, IDIS = 10.0mA
0.2
0.4
V
tR
Rise time of output3
RL = 10MΩ, CL = 10pF, VDD =
5V
45
75
ns
tF
Fall time of output3
RL = 10MΩ, CL = 10pF, VDD =
5V
20
75
ns
FMAX
Maximum oscillator frequency
(astable mode)
500
kHz
NOTES:
1. The supply current value is essentially independent of the TRIGGER, THRESHOLD, and RESET voltages.
2. Astable timing is calculated using the following equation: f =
1.38
(RA + 2RB)C
. The components are defined in Figure 2.
3. Parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com