Electronic Components Datasheet Search
  English  ▼

X  

ICM7555CD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ICM7555CD
Description  General purpose CMOS timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ICM7555CD Datasheet(HTML) 8 Page - NXP Semiconductors

  ICM7555CD Datasheet HTML 1Page - NXP Semiconductors ICM7555CD Datasheet HTML 2Page - NXP Semiconductors ICM7555CD Datasheet HTML 3Page - NXP Semiconductors ICM7555CD Datasheet HTML 4Page - NXP Semiconductors ICM7555CD Datasheet HTML 5Page - NXP Semiconductors ICM7555CD Datasheet HTML 6Page - NXP Semiconductors ICM7555CD Datasheet HTML 7Page - NXP Semiconductors ICM7555CD Datasheet HTML 8Page - NXP Semiconductors ICM7555CD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
ICM7555
General purpose CMOS timer
August 31, 1994
344
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Free-Running Frequency as a Function of RA, RB, and C
Monostable Time Delay vs RA and C
100.0
10.0
1.0
0.1
0.01
0.001
0.0001
0.0
0.1
1.0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100.0
10.0
1.0
0.1
0.01
0.001
0.0001
0.0
TIME DELAY
100ns
1ms
10ms
100ms
1s
10s
1
µs
10
µs
100
µs
VDD = 5V
TA = +25°C
VDD = 5V
TA = +25°C
(RA + 2RB)
1k
Ω
10k
Ω
100k
Ω
1M
Ω
10M
Ω
1k
Ω
10k
Ω
100k
Ω
1M
Ω
10M
Ω
RA
Figure 1. Supply Current Transient
Compared With a Standard Bipolar 555
During an Output Transition
500
400
300
200
100
0
0
200
400
600
800
TIME (ns)
TA = +25°C
NE/SE555
ICM7555
APPLICATION NOTES
General
The ICM7555 device is, in most instances, a direct replacement for
the NE/SE555 device. However, it is possible to effect economies in
the external component count using the ICM7555. Because the
bipolar 555 device produces large crowbar currents in the output
driver, it is necessary to decouple the power supply lines with a
good capacitor close to the device. The 7555 device produces no
such transients. See Figure 1.
The ICM7555 produces supply current spikes of only 2-3mA instead
of 300-400mA and supply decoupling is normally not necessary.
Secondly, in most instances, the CONTROL VOLTAGE decoupling
capacitors are not required since the input impedance of the CMOS
comparators on chip are very high. Thus, for many applications, 2
capacitors can be saved using an ICM7555.
Power Supply Considerations
Although the supply current consumed by the ICM7555 device is
very low, the total system supply can be high unless the timing
components are high impedance. Therefore, high values for R and
low values for C in Figures 2 and 3 are recommended.
Output Drive Capability
The output driver consists of a CMOS inverter capable of driving
most logic families including CMOS and TTL. As such, if driving
CMOS, the output swing at all supply voltages will equal the supply
voltage. At a supply voltage of 4.5V or more, the ICM7555 will drive
at least 2 standard TTL loads.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com