Electronic Components Datasheet Search
  English  ▼

X  

ICM7555CD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ICM7555CD
Description  General purpose CMOS timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ICM7555CD Datasheet(HTML) 2 Page - NXP Semiconductors

  ICM7555CD Datasheet HTML 1Page - NXP Semiconductors ICM7555CD Datasheet HTML 2Page - NXP Semiconductors ICM7555CD Datasheet HTML 3Page - NXP Semiconductors ICM7555CD Datasheet HTML 4Page - NXP Semiconductors ICM7555CD Datasheet HTML 5Page - NXP Semiconductors ICM7555CD Datasheet HTML 6Page - NXP Semiconductors ICM7555CD Datasheet HTML 7Page - NXP Semiconductors ICM7555CD Datasheet HTML 8Page - NXP Semiconductors ICM7555CD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
ICM7555
General purpose CMOS timer
August 31, 1994
338
EQUIVALENT BLOCK DIAGRAM
NOTE:
UNUSED INPUTS SHOULD BE CONNECTED TO APPROPRIATE VOLTAGE FROM TRUTH TABLE.
V
DD
8
R
6
5
2
R
1
R
COMPARATOR
A
COMPARATOR
B
FLIP–FLOP
RESET
4
OUTPUT
DRIVERS
3
OUTPUT
DISCHARGE
7
N
1
+
–
+
–
THRESHOLD
CONTROL
VOLTAGE
TRIGGER
TRUTH TABLE
THRESHOLD VOLTAGE
TRIGGER VOLTAGE
RESET1
OUTPUT
DISCHARGE SWITCH
DON’T CARE
DON’T CARE
LOW
LOW
ON
>2/3(V+)
> 1/3(V+)
HIGH
LOW
ON
VTH < 2/3
VTR > 1/3
HIGH
STABLE
STABLE
DON’T CARE
<1/3(V+)
HIGH
HIGH
OFF
NOTES:
1. RESET will dominate all other inputs: TRIGGER will dominate over THRESHOLD.
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNITS
VDD
Supply voltage
+18
V
VTRIG1
Trigger input voltage
VCV
Control voltage
> -0.3 to
VTH
Threshold input voltage
<VDD + 0.3
V
VRST
RESET input voltage
IOUT
Output current
100
mA
PDMAX
Maximum power dissipation, TA = 25°C (still air)2
N package
1160
mW
D package
780
mW
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead temperature (Soldering 60s)
300
°C
NOTES:
1. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater than
VDD + 0.3V or less than GND -0.3V may cause destructive latch-up. For this reason it is recommended that no inputs from external sources
not operating from the same power supply be applied to the device before its power supply is established. In multiple systems, the supply of
the ICM7555 must be turned on first.
2. Derate above 25
°C, at the following rates:
N package at 9.3mW/
°C
D package at 6.2mW/
°C
3. See “Power Dissipation Considerations” section.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com