Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103S Datasheet(PDF) 34 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 34 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 30Page - SMSC Corporation EMC6D103S Datasheet HTML 31Page - SMSC Corporation EMC6D103S Datasheet HTML 32Page - SMSC Corporation EMC6D103S Datasheet HTML 33Page - SMSC Corporation EMC6D103S Datasheet HTML 34Page - SMSC Corporation EMC6D103S Datasheet HTML 35Page - SMSC Corporation EMC6D103S Datasheet HTML 36Page - SMSC Corporation EMC6D103S Datasheet HTML 37Page - SMSC Corporation EMC6D103S Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.2 (06-14-06)
34
SMSC EMC6D103S
DATASHEET
Figure 7.1 Automatic Fan Control Flow Diagram
*See Registers 5C-5Eh: PWM Configuration on page 62 for details.
When in Auto Fan Control Operating Mode the hardware controls the fans directly based on monitoring
of temperature and speed.
To control the fans:
Set the minimum temperature that will activate the Automatic Fan control algorithm. This value is
programmed in Registers 67h-69h: Zone x Low Temp Limit (Auto Fan Mode Only).
The speed of the fan is controlled by the duty cycle set for that device. The duty cycle for the minimum
fan speed must be programmed in Registers 64h-66h: PWMx Minimum Duty Cycle. This value
corresponds to the speed of the fan when the temperature reading is equal to the minimum
temperature LIMIT setting. As the actual temperature increases and is above the Zone LIMIT
temperature and below the Absolute Temperature Limit, the PWM will be determined by a linear
function based on the Auto Fan Speed Range bits in Registers 5Fh-61h.
AutoFanMode
Initiated
Temp>=
AbsLimit
(6A~6C)
OverrideallPWM
outputsto100%
dutycycleexceptif
disabledorin
manualmode
Temp>=Low
Limit
(67~69)
No
Yes
Setfanspeedbasedon
AutoFanRange
Algorithm*
No
BeginFanSpin-Up
Yes
SetFanOutputto
100%
FanSpinningUp?
SpinUp
TimeElapsed?
(5C-5E)
Yes
BeginPolling
Cycle
EndPollingCycle
No
No
EndFanSpinUp
Yes
Setfantomin
PWM
(64~66)
Yes
No
MinPWM
at0%?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com