Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103S Datasheet(PDF) 52 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 52 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 48Page - SMSC Corporation EMC6D103S Datasheet HTML 49Page - SMSC Corporation EMC6D103S Datasheet HTML 50Page - SMSC Corporation EMC6D103S Datasheet HTML 51Page - SMSC Corporation EMC6D103S Datasheet HTML 52Page - SMSC Corporation EMC6D103S Datasheet HTML 53Page - SMSC Corporation EMC6D103S Datasheet HTML 54Page - SMSC Corporation EMC6D103S Datasheet HTML 55Page - SMSC Corporation EMC6D103S Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.2 (06-14-06)
52
SMSC EMC6D103S
DATASHEET
The Temperature Reading registers reflect the current temperatures of the internal and remote diodes.
Remote Diode 1 Temp Reading register reports the temperature measured by the Remote1- and
Remote1+ pins, Remote Diode 2 Temp Reading register reports the temperature measured by the
Remote2- and Remote2+ pins, and the Internal Temp Reading register reports the temperature
measured by the internal (ambient) temperature sensor. Current temperatures are represented as 8
bit, 2’s complement, signed numbers in Celsius, as shown below in Table 8.5. The Temperature
Reading register will return a value of 80h if the remote diode pins are not implemented by the board
designer or are not functioning properly (this corresponds to the diode fault interrupt status bits). The
Temperature Reading registers will be updated automatically by the EMC6D103S Chip with a minimum
frequency of 4Hz.
Note: These registers are read only – a write to these registers has no effect.
Each of the temperature reading registers are mapped to a zone. Each PWM may be programmed to
operate in the auto fan control operating mode by associating a PWM with one or more zones. The
following is a list of the zone associations.
Zone 1 is controlled by Remote Diode 1 Temp Reading
Zone 2 is controlled by Internal Temp Reading (Ambient Temperature Sensor)
Zone 3 is controlled by Remote Diode 2 Temp Reading
8.2.3
Registers 28-2Fh: Fan Tachometer Reading
Table 8.5 Temperature vs. Register Reading
TEMPERATURE
READING (DEC)
READING (HEX)
-127
°c
-127
81h
.
.
.
.
.
.
.
.
.
-50
°c
-50
CEh
.
.
.
.
.
.
.
.
.
0
°c
0
00h
.
.
.
.
.
.
.
.
.
50
°c
50
32h
.
.
.
.
.
.
.
.
.
127
°c
127
7Fh
(SENSOR ERROR)
80h
Table 8.6 Registers 28-2Fh: Fan Tachometer Reading
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
28h
R
Tach1 LSB
7
6
5
4
3
2
1
0
N/A
29h
R
Tach1 MSB
15
14
13
12
11
10
9
8
N/A
2Ah
R
Tach2 LSB
7
6
5
4
3
2
1
0
N/A
2Bh
R
Tach2 MSB
15
14
13
12
11
10
9
8
N/A
2Ch
R
Tach3 LSB
7
6
5
4
3
2
1
0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com