Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103S Datasheet(PDF) 72 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 72 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 68Page - SMSC Corporation EMC6D103S Datasheet HTML 69Page - SMSC Corporation EMC6D103S Datasheet HTML 70Page - SMSC Corporation EMC6D103S Datasheet HTML 71Page - SMSC Corporation EMC6D103S Datasheet HTML 72Page - SMSC Corporation EMC6D103S Datasheet HTML 73Page - SMSC Corporation EMC6D103S Datasheet HTML 74Page - SMSC Corporation EMC6D103S Datasheet HTML 75Page - SMSC Corporation EMC6D103S Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.2 (06-14-06)
72
SMSC EMC6D103S
DATASHEET
This register contains the following bits:
8.2.24
Register 80h: Interrupt Enable 2 Register
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
This register is used to enable individual fan tach error events to set the corresponding status bits in
the interrupt status registers. This register also contains the group fan tach enable bit (Bit[0] TACH),
which is used to enable fan tach events to force the interrupt pin (INT#) low if interrupts are enabled
(see Bit[2] INTEN of the Special Function register at offset 7Ch).
See Figure 6.3 Interrupt Control on page 25.
This register contains the following bits:
Table 8.44 Configuration Register Bits
BIT
NAME
R/W DEFAULT
DESCRIPTION
0
T3INT
R/W
0
Determines functionality of the TACH3/INT# pin.
‘0’ - TACH3 input
‘1’- INT# output
1
P2INT
R/W
0
Determines the functionality of the PWM2/INT# pin.
‘0’ - PWM2 output.
‘1’ - INT# output.
2
Reserved
R/W
0
Reserved
3
TRDY
R
0
Temperature Reading Ready - indicates that the temperature reading
registers hold valid values.
4
SUREN
R/W
1
Spin-up reduction enable - when set, this bit enables the reduction of the
spin-up time based on feedback from all fan tachometers associated with
each PWM.
5
SMSC
R/W
0
SMSC - Writing to this bit to a value different from the default value may
cause unwanted results.
6
SMSC
R/W
0
SMSC - Writing this bit to a value different than the default value may
cause unwanted results.
7
INIT
R/W
0
Setting the INIT bit to ‘1’ performs a soft reset. This bit is self-clearing.
Soft Reset sets all the registers except the Reading Registers to their
default values.
Table 8.45 Register 80h: Interrupt Enable 2 Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
80h
R/W
Interrupt Enable 2 (Fan
Tachs)
RES
RES
RES
TACH4
TACH3
TACH2
TACH1
TACH
1Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com