Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103S Datasheet(PDF) 74 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 74 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 70Page - SMSC Corporation EMC6D103S Datasheet HTML 71Page - SMSC Corporation EMC6D103S Datasheet HTML 72Page - SMSC Corporation EMC6D103S Datasheet HTML 73Page - SMSC Corporation EMC6D103S Datasheet HTML 74Page - SMSC Corporation EMC6D103S Datasheet HTML 75Page - SMSC Corporation EMC6D103S Datasheet HTML 76Page - SMSC Corporation EMC6D103S Datasheet HTML 77Page - SMSC Corporation EMC6D103S Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.2 (06-14-06)
74
SMSC EMC6D103S
DATASHEET
Notes:
Any PWM that has no TACH inputs associated with it must be configured to operate in Mode 1.
All TACH inputs must be associated with a PWM output. If the tach is not being driven by the
associated PWM output it should be configured to operate in Mode 1 and the associated TACH
interrupt must be disabled.
8.2.26
Register 82h: Interrupt Enable 3 Register
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
This register is used to enable individual thermal error events to set the corresponding status bits in
the interrupt status registers. This register also contains the group thermal enable bit (Bit[0] TEMP),
which is used to enable thermal events to force the interrupt pin (INT#) low if interrupts are enabled
(see Bit[2] INTEN of the Special Function register at offset 7Ch).
See Figure 6.3 Interrupt Control on page 25.
This register contains the following bits:
:
Table 8.49 PWM Assignment Bit Combinations
Bits[1:0], Bits[3:2], Bits[5:4], Bits[7:6]
PWM Associated With Tachx
00
PWM1
01
PWM2
10
PWM3
11
Reserved
Table 8.50 Register 82h: Interrupt Enable 3 Register
Register
Address
Read/
Write
Register
Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
82h
R/W
Interrupt Enable 3 (Temp)
RES
RES
RES
RES
D2EN
D1EN
AMB
TEMP
0Eh
Table 8.51 Interrupt Enable 3 Register Bits
BIT
NAME
R/W DEFAULT
DESCRIPTION
0
TEMP
R/W
0
Group Temperature enable bit - when set, allows Temperature channels
to assert the INT# pin.
1
AMB
R/W
1
When set, enables the ambient temperature monitor to update the status
registers and generate interrupts.
2
D1EN
R/W
1
When set, enables the Remote Diode 1 temperature monitor to update
the status registers and generate interrupts.
3
D2EN
R/W
1
When set, enables the Remote Diode 2 temperature monitor to update
the status registers and generate interrupts.
4
RES
R/W
0
Reserved
5
RES
R/W
0
Reserved
6
RES
R/W
0
Reserved
7
RES
R/W
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com