Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103S Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 5Page - SMSC Corporation EMC6D103S Datasheet HTML 6Page - SMSC Corporation EMC6D103S Datasheet HTML 7Page - SMSC Corporation EMC6D103S Datasheet HTML 8Page - SMSC Corporation EMC6D103S Datasheet HTML 9Page - SMSC Corporation EMC6D103S Datasheet HTML 10Page - SMSC Corporation EMC6D103S Datasheet HTML 11Page - SMSC Corporation EMC6D103S Datasheet HTML 12Page - SMSC Corporation EMC6D103S Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103S
9
Revision 0.2 (06-14-06)
DATASHEET
Chapter 2 Pinout
2.1
EMC6D103S Pinout
The EMC6D103S is offered in a 24 pin SSOP mechanical package.
Figure 2.1 EMC6D103S 24 Pin SSOP Pinout
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
SD
A
SCLK
VSS
VCC
VID0
VID1
VID2
VID3
VID4
TACH3/INT#
PWM2/INT#
TACH1
TACH2
PWM1/xTest Out
Vccp
2.5V
12V
5V
Remote1+
Remote1-
Remote2+
Remote2-
TACH4/Address Select
PWM3/Address Enable
EMC6D103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com