Electronic Components Datasheet Search
  English  ▼

X  

ISP1122D Datasheet(PDF) 44 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button ISP1122D Datasheet HTML 40Page - NXP Semiconductors ISP1122D Datasheet HTML 41Page - NXP Semiconductors ISP1122D Datasheet HTML 42Page - NXP Semiconductors ISP1122D Datasheet HTML 43Page - NXP Semiconductors ISP1122D Datasheet HTML 44Page - NXP Semiconductors ISP1122D Datasheet HTML 45Page - NXP Semiconductors ISP1122D Datasheet HTML 46Page - NXP Semiconductors ISP1122D Datasheet HTML 47Page - NXP Semiconductors ISP1122D Datasheet HTML 48Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
44 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
18.4 Package related soldering information
[1]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the
maximum temperature (with respect to time) and body size of the package, there is a risk that internal
or external package cracks may occur due to vaporization of the moisture in them (the so called
popcorn effect). For details, refer to the Drypack information in the
Data Handbook IC26; Integrated
Circuit Packages; Section: Packing Methods.
[2]
For SDIP packages, the longitudinal axis must be parallel to the transport direction of the
printed-circuit board.
[3]
These packages are not suitable for wave soldering as a solder joint between the printed-circuit board
and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top
version).
[4]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[5]
Wave soldering is only suitable for LQFP, QFP and TQFP packages with a pitch (e) equal to or larger
than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[6]
Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
Table 35: Suitability of IC packages for wave, reflow and dipping soldering methods
Mounting
Package
Soldering method
Wave
Reflow [1] Dipping
Through-hole
mount
DBS, DIP, HDIP, SDIP, SIL suitable [2]
−
suitable
Surface mount
BGA, LFBGA, SQFP,
TFBGA
not suitable
suitable
−
HBCC, HLQFP, HSQFP,
HSOP, HTQFP, HTSSOP,
SMS
not suitable [3]
suitable
−
PLCC [4], SO, SOJ
suitable
suitable
−
LQFP, QFP, TQFP
not recommended [4] [5] suitable
−
SSOP, TSSOP, VSO
not recommended [6]
suitable
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com